Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 209 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 209 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 205Page - Intel Corporation 82G33 Datasheet HTML 206Page - Intel Corporation 82G33 Datasheet HTML 207Page - Intel Corporation 82G33 Datasheet HTML 208Page - Intel Corporation 82G33 Datasheet HTML 209Page - Intel Corporation 82G33 Datasheet HTML 210Page - Intel Corporation 82G33 Datasheet HTML 211Page - Intel Corporation 82G33 Datasheet HTML 212Page - Intel Corporation 82G33 Datasheet HTML 213Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 437 page
background image
PCI Express* Registers (D1:F0)
Datasheet
209
6.1.37
DSTS—Device Status
B/D/F/Type:
0/1/0/PCI
Address Offset:
AA–ABh
Default Value:
0000h
Access:
RO, RWC
Size:
16 bits
This register reflects status corresponding to controls in the Device Control register.
The error reporting bits are in reference to errors detected by this device, not errors
messages received across the link.
Bit
Access &
Default
Description
15:6
RO
000h
Reserved and Zero: For future R/WC/S implementations; software must
use 0 for writes to bits.
5
RO
0b
Transactions Pending (TP):
0 = All pending transactions (including completions for any outstanding
non-posted requests on any used virtual channel) have been
completed.
1 = Device has transaction(s) pending (including completions for any
outstanding non-posted requests for all used Traffic Classes).
4
RO
0b
Reserved
3
RWC
0b
Unsupported Request Detected (URD):
0 = Unsupported request Not detected.
1 = Device received an Unsupported Request. Errors are logged in this
register regardless of whether error reporting is enabled or not in
the Device Control Register.
Additionally, the Non-Fatal Error Detected bit or the Fatal Error
Detected bit is set according to the setting of the Unsupported Request
Error Severity bit. In production systems setting the Fatal Error
Detected bit is not an option as support for AER will not be reported.
2
RWC
0b
Fatal Error Detected (FED):
0 = Fatal error Not detected.
1 = Fatal error(s) were detected. Errors are logged in this register
regardless of whether error reporting is enabled or not in the
Device Control register. When Advanced Error Handling is enabled,
errors are logged in this register regardless of the settings of the
uncorrectable error mask register.
1
RWC
0b
Non-Fatal Error Detected (NFED):
0 = Non-Fatal error Not detected.
1 = Non-fatal error(s) were detected. Errors are logged in this register
regardless of whether error reporting is enabled or not in the
Device Control register.
When Advanced Error Handling is enabled, errors are logged in this
register regardless of the settings of the uncorrectable error mask
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com