Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 206 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 206 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 202Page - Intel Corporation 82G33 Datasheet HTML 203Page - Intel Corporation 82G33 Datasheet HTML 204Page - Intel Corporation 82G33 Datasheet HTML 205Page - Intel Corporation 82G33 Datasheet HTML 206Page - Intel Corporation 82G33 Datasheet HTML 207Page - Intel Corporation 82G33 Datasheet HTML 208Page - Intel Corporation 82G33 Datasheet HTML 209Page - Intel Corporation 82G33 Datasheet HTML 210Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 437 page
background image
PCI Express* Registers (D1:F0)
206
Datasheet
6.1.33
PEG_CAPL—PCI Express*-G Capability List
B/D/F/Type:
0/1/0/PCI
Address Offset:
A0–A1h
Default Value:
0010h
Access:
RO
Size:
16 bits
This register enumerates the PCI Express capability structure.
Bit
Access &
Default
Description
15:8
RO
00h
Pointer to Next Capability (PNC): This value terminates the
capabilities list. The Virtual Channel capability and any other PCI
Express specific capabilities that are reported via this mechanism are
in a separate capabilities list located entirely within PCI Express
Extended Configuration Space.
7:0
RO
10h
Capability ID (CID): Identifies this linked list item (capability
structure) as being for PCI Express registers.
6.1.34
PEG_CAP—PCI Express*-G Capabilities
B/D/F/Type:
0/1/0/PCI
Address Offset:
A2–A3h
Default Value:
0141h
Access:
RO, RWO
Size:
16 bits
This register indicates PCI Express device capabilities.
Bit
Access &
Default
Description
15:14
RO
00b
Reserved
13:9
RO
00h
Interrupt Message Number (IMN): Not Applicable or
Implemented. Hardwired to 0.
8
RWO
1b
Slot Implemented (SI):
0 = The PCI Express Link associated with this port is connected to an
integrated component or is disabled.
1 = The PCI Express Link associated with this port is connected to a
slot.
7:4
RO
4h
Device/Port Type (DPT): Hardwired to 4h to indicate root port of
PCI Express Root Complex.
3:0
RO
1h
PCI Express Capability Version (PCI EXPRESS*CV): Hardwired
to 1 as it is the first version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com