Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 203 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 203 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 199Page - Intel Corporation 82G33 Datasheet HTML 200Page - Intel Corporation 82G33 Datasheet HTML 201Page - Intel Corporation 82G33 Datasheet HTML 202Page - Intel Corporation 82G33 Datasheet HTML 203Page - Intel Corporation 82G33 Datasheet HTML 204Page - Intel Corporation 82G33 Datasheet HTML 205Page - Intel Corporation 82G33 Datasheet HTML 206Page - Intel Corporation 82G33 Datasheet HTML 207Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 437 page
background image
PCI Express* Registers (D1:F0)
Datasheet
203
6.1.27
SS_CAPID—Subsystem ID and Vendor ID Capabilities
B/D/F/Type:
0/1/0/PCI
Address Offset:
88–8Bh
Default Value:
0000800Dh
Access:
RO
Size:
32 bits
This capability is used to uniquely identify the subsystem where the PCI device
resides. Because this device is an integrated part of the system and not an add-in
device, it is anticipated that this capability will never be used. However, it is necessary
because Microsoft will test for its presence.
Bit
Access &
Default
Description
31:16
RO
0000h
Reserved
15:8
RO
80h
Pointer to Next Capability (PNC): This contains a pointer to the
next item in the capabilities list which is the PCI Power Management
capability.
7:0
RO
0Dh
Capability ID (CID): Value of 0Dh identifies this linked list item
(capability structure) as being for SSID/SSVID registers in a PCI-to-PCI
Bridge.
6.1.28
SS—Subsystem ID and Subsystem Vendor ID
B/D/F/Type:
0/1/0/PCI
Address Offset:
8C–8Fh
Default Value:
00008086h
Access:
RWO
Size:
32 bits
System BIOS can be used as the mechanism for loading the SSID/SVID values. These
values must be preserved through power management transitions and a hardware
reset.
Bit
Access &
Default
Description
31:16
RWO
0000h
Subsystem ID (SSID): Identifies the particular subsystem and is
assigned by the vendor.
15:0
RWO
8086h
Subsystem Vendor ID (SSVID): Identifies the manufacturer of the
subsystem and is the same as the vendor ID which is assigned by the
PCI Special Interest Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com