Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 201 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 201 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 197Page - Intel Corporation 82G33 Datasheet HTML 198Page - Intel Corporation 82G33 Datasheet HTML 199Page - Intel Corporation 82G33 Datasheet HTML 200Page - Intel Corporation 82G33 Datasheet HTML 201Page - Intel Corporation 82G33 Datasheet HTML 202Page - Intel Corporation 82G33 Datasheet HTML 203Page - Intel Corporation 82G33 Datasheet HTML 204Page - Intel Corporation 82G33 Datasheet HTML 205Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 437 page
background image
PCI Express* Registers (D1:F0)
Datasheet
201
6.1.25
PM_CAPID1—Power Management Capabilities
B/D/F/Type:
0/1/0/PCI
Address Offset:
80–83h
Default Value:
C8039001h
Access:
RO
Size:
32 bits
Bit
Access &
Default
Description
31:27
RO
19h
PME Support (PMES): This field indicates the power states in which
this device may indicate PME wake via PCI Express messaging. D0,
D3hot & D3cold. This device is not required to do anything to support
D3hot & D3cold, it simply must report that those states are
supported. Refer to the PCI Power Management 1.1 specification for
encoding explanation and other power management details.
26
RO
0b
D2 Power State Support (D2PSS): Hardwired to 0 to indicate that
the D2 power management state is NOT supported.
25
RO
0b
D1 Power State Support (D1PSS): Hardwired to 0 to indicate that
the D1 power management state is NOT supported.
24:22
RO
000b
Auxiliary Current (AUXC): Hardwired to 0 to indicate that there are
no 3.3Vaux auxiliary current requirements.
21
RO
0b
Device Specific Initialization (DSI): Hardwired to 0 to indicate
that special initialization of this device is NOT required before generic
class device driver is to use it.
20
RO
0b
Auxiliary Power Source (APS): Hardwired to 0.
19
RO
0b
PME Clock (PMECLK): Hardwired to 0 to indicate this device does
NOT support PMEB generation.
18:16
RO
011b
PCI PM CAP Version (PCIPMCV):
A value of 011b indicates that this
function complies with revision 1.2 of the PCI Power Management
Interface Specification.
15:8
RO
90h
Pointer to Next Capability (PNC): This contains a pointer to the
next item in the capabilities list. If MSICH (CAPL[0] @ 7Fh) is 0, then
the next item in the capabilities list is the Message Signaled Interrupts
(MSI) capability at 90h
7:0
RO
01h
Capability ID (CID): Value of 01h identifies this linked list item
(capability structure) as being for PCI Power Management registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com