Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 197 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 197 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 193Page - Intel Corporation 82G33 Datasheet HTML 194Page - Intel Corporation 82G33 Datasheet HTML 195Page - Intel Corporation 82G33 Datasheet HTML 196Page - Intel Corporation 82G33 Datasheet HTML 197Page - Intel Corporation 82G33 Datasheet HTML 198Page - Intel Corporation 82G33 Datasheet HTML 199Page - Intel Corporation 82G33 Datasheet HTML 200Page - Intel Corporation 82G33 Datasheet HTML 201Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 437 page
background image
PCI Express* Registers (D1:F0)
Datasheet
197
6.1.20
PMLIMITU1—Prefetchable Memory Limit Address
B/D/F/Type:
0/1/0/PCI
Address Offset:
2C–2Fh
Default Value:
00000000h
Access:
RW
Size:
32 bits
The functionality associated with this register is present in the PEG design
implementation.
This register in conjunction with the corresponding Upper Limit Address register
controls the processor-to-PCI Express prefetchable memory access routing based on
the following formula:
PREFETCHABLE_MEMORY_BASE ≤ address ≤ PREFETCHABLE_MEMORY_LIMIT
The upper 12 bits of this register are read/write and correspond to address bits
A[31:20] of the 40- bit address. The lower 8 bits of the Upper Limit Address register
are read/write and correspond to address bits A[39:32] of the 40-bit address. This
register must be initialized by the configuration software. For the purpose of address
decode, address bits A[19:0] are assumed to be FFFFFh. Thus, the top of the defined
memory address range will be at the top of a 1MB aligned memory block.
Note that prefetchable memory range is supported to allow segregation by the
configuration software between the memory ranges that must be defined as UC and
the ones that can be designated as a USWC (i.e. prefetchable) from the processor
perspective.
Bit
Access &
Default
Description
31:0
RW
00000000h
Prefetchable Memory Address Limit (MLIMITU): This field
corresponds to A[63:32] of the upper limit of the prefetchable
Memory range that will be passed to PCI Express.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com