Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 196 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 196 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 192Page - Intel Corporation 82G33 Datasheet HTML 193Page - Intel Corporation 82G33 Datasheet HTML 194Page - Intel Corporation 82G33 Datasheet HTML 195Page - Intel Corporation 82G33 Datasheet HTML 196Page - Intel Corporation 82G33 Datasheet HTML 197Page - Intel Corporation 82G33 Datasheet HTML 198Page - Intel Corporation 82G33 Datasheet HTML 199Page - Intel Corporation 82G33 Datasheet HTML 200Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 437 page
background image
PCI Express* Registers (D1:F0)
196
Datasheet
6.1.19
PMBASEU1—Prefetchable Memory Base Address
B/D/F/Type:
0/1/0/PCI
Address Offset:
28–2Bh
Default Value:
00000000h
Access:
RW
Size:
32 bits
The functionality associated with this register is present in the PEG design
implementation.
This register in conjunction with the corresponding Upper Base Address register
controls the processor-to-PCI Express prefetchable memory access routing based on
the following formula:
PREFETCHABLE_MEMORY_BASE ≤ address ≤ PREFETCHABLE_MEMORY_LIMIT
The upper 12 bits of this register are read/write and correspond to address bits
A[31:20] of the 40-bit address. The lower 8 bits of the Upper Base Address register
are read/write and correspond to address bits A[39:32] of the 40-bit address. This
register must be initialized by the configuration software. For the purpose of address
decode, address bits A[19:0] are assumed to be 0. Thus, the bottom of the defined
memory address range will be aligned to a 1 MB boundary.
Bit
Access &
Default
Description
31:0
RW
00000000h
Prefetchable Memory Base Address (MBASEU): This field
corresponds to A[63:32] of the lower limit of the prefetchable
memory range that will be passed to PCI Express.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com