Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 192 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 192 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 188Page - Intel Corporation 82G33 Datasheet HTML 189Page - Intel Corporation 82G33 Datasheet HTML 190Page - Intel Corporation 82G33 Datasheet HTML 191Page - Intel Corporation 82G33 Datasheet HTML 192Page - Intel Corporation 82G33 Datasheet HTML 193Page - Intel Corporation 82G33 Datasheet HTML 194Page - Intel Corporation 82G33 Datasheet HTML 195Page - Intel Corporation 82G33 Datasheet HTML 196Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 437 page
background image
PCI Express* Registers (D1:F0)
192
Datasheet
6.1.15
MBASE1—Memory Base Address
B/D/F/Type:
0/1/0/PCI
Address Offset:
20–21h
Default Value:
FFF0h
Access:
RW, RO
Size:
16 bits
This register controls the processor-to-PCI Express non-prefetchable memory access
routing based on the following formula:
MEMORY_BASE ≤ address ≤ MEMORY_LIMIT
The upper 12 bits of the register are read/write and correspond to the upper 12
address bits A[31:20] of the 32 bit address. The bottom 4 bits of this register are
read-only and return zeroes when read. This register must be initialized by the
configuration software. For the purpose of address decode, address bits A[19:0] are
assumed to be 0. Thus, the bottom of the defined memory address range will be
aligned to a 1 MB boundary.
Bit
Access &
Default
Description
15:4
RW
FFFh
Memory Address Base (MBASE): This field corresponds to A[31:20]
of the lower limit of the memory range that will be passed to PCI
Express.
3:0
RO
0h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com