Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 191 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 191 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 187Page - Intel Corporation 82G33 Datasheet HTML 188Page - Intel Corporation 82G33 Datasheet HTML 189Page - Intel Corporation 82G33 Datasheet HTML 190Page - Intel Corporation 82G33 Datasheet HTML 191Page - Intel Corporation 82G33 Datasheet HTML 192Page - Intel Corporation 82G33 Datasheet HTML 193Page - Intel Corporation 82G33 Datasheet HTML 194Page - Intel Corporation 82G33 Datasheet HTML 195Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 437 page
background image
PCI Express* Registers (D1:F0)
Datasheet
191
6.1.14
SSTS1—Secondary Status
B/D/F/Type:
0/1/0/PCI
Address Offset:
1E–1Fh
Default Value:
0000h
Access:
RWC, RO
Size:
16 bits
SSTS1 is a 16-bit status register that reports the occurrence of error conditions
associated with secondary side (i.e., PCI Express side) of the "virtual" PCI-PCI bridge
embedded within (G)MCH.
Bit
Access &
Default
Description
15
RWC
0b
Detected Parity Error (DPE): This bit is set by the Secondary Side
for a Type 1 Configuration Space header device whenever it receives a
Poisoned TLP, regardless of the state of the Parity Error Response
Enable bit in the Bridge Control Register.
14
RWC
0b
Received System Error (RSE): This bit is set when the Secondary
Side for a Type 1 configuration space header device receives an
ERR_FATAL or ERR_NONFATAL.
13
RWC
0b
Received Master Abort (RMA): This bit is set when the Secondary
Side for Type 1 Configuration Space Header Device (for requests
initiated by the Type 1 Header Device itself) receives a Completion
with Unsupported Request Completion Status.
12
RWC
0b
Received Target Abort (RTA): This bit is set when the Secondary
Side for Type 1 Configuration Space Header Device (for requests
initiated by the Type 1 Header Device itself) receives a Completion
with Completer Abort Completion Status.
11
RO
0b
Signaled Target Abort (STA): Not Applicable or Implemented.
Hardwired to 0. The (G)MCH does not generate Target Aborts (the
(G)MCH will never complete a request using the Completer Abort
Completion status).
10:9
RO
00b
DEVSELB Timing (DEVT): Not Applicable or Implemented.
Hardwired to 0.
8
RWC
0b
Master Data Parity Error (SMDPE): When set, this bit indicates that
the (G)MCH received across the link (upstream) a Read Data
Completion Poisoned TLP (EP=1). This bit can only be set when the
Parity Error Enable bit in the Bridge Control register is set.
7
RO
0b
Fast Back-to-Back (FB2B): Not Applicable or Implemented.
Hardwired to 0.
6
RO
0b
Reserved
5
RO
0b
66/60 MHz capability (CAP66): Not Applicable or Implemented.
Hardwired to 0.
4:0
RO
00h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com