Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 188 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 188 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 184Page - Intel Corporation 82G33 Datasheet HTML 185Page - Intel Corporation 82G33 Datasheet HTML 186Page - Intel Corporation 82G33 Datasheet HTML 187Page - Intel Corporation 82G33 Datasheet HTML 188Page - Intel Corporation 82G33 Datasheet HTML 189Page - Intel Corporation 82G33 Datasheet HTML 190Page - Intel Corporation 82G33 Datasheet HTML 191Page - Intel Corporation 82G33 Datasheet HTML 192Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 437 page
background image
PCI Express* Registers (D1:F0)
188
Datasheet
6.1.7
CL1—Cache Line Size
B/D/F/Type:
0/1/0/PCI
Address Offset:
0Ch
Default Value:
00h
Access:
RW
Size:
8 bits
Bit
Access &
Default
Description
7:0
RW
00h
Cache Line Size (Scratch pad): Implemented by PCI Express
devices as a read-write field for legacy compatibility purposes but has
no impact on any PCI Express device functionality.
6.1.8
HDR1—Header Type
B/D/F/Type:
0/1/0/PCI
Address Offset:
0Eh
Default Value:
01h
Access:
RO
Size:
8 bits
This register identifies the header layout of the configuration space. No physical
register exists at this location.
Bit
Access &
Default
Description
7:0
RO
01h
Header Type Register (HDR): Returns 01 to indicate that this is a
single function device with bridge header layout.
6.1.9
PBUSN1—Primary Bus Number
B/D/F/Type:
0/1/0/PCI
Address Offset:
18h
Default Value:
00h
Access:
RO
Size:
8 bits
This register identifies that this "virtual" Host-PCI Express bridge is connected to PCI
bus #0.
Bit
Access &
Default
Description
7:0
RO
00h
Primary Bus Number (BUSN): Configuration software typically
programs this field with the number of the bus on the primary side of
the bridge. Since device 1 is an internal device and its primary bus is
always 0, these bits are read only and are hardwired to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com