Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 186 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 186 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 182Page - Intel Corporation 82G33 Datasheet HTML 183Page - Intel Corporation 82G33 Datasheet HTML 184Page - Intel Corporation 82G33 Datasheet HTML 185Page - Intel Corporation 82G33 Datasheet HTML 186Page - Intel Corporation 82G33 Datasheet HTML 187Page - Intel Corporation 82G33 Datasheet HTML 188Page - Intel Corporation 82G33 Datasheet HTML 189Page - Intel Corporation 82G33 Datasheet HTML 190Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 437 page
background image
PCI Express* Registers (D1:F0)
186
Datasheet
6.1.4
PCISTS1—PCI Status
B/D/F/Type:
0/1/0/PCI
Address Offset:
06–07h
Default Value:
0010h
Access:
RO, RWC
Size:
16 bits
This register reports the occurrence of error conditions associated with primary side of
the "virtual" Host-PCI Express bridge embedded within the (G)MCH.
Bit
Access &
Default
Description
15
RO
0b
Detected Parity Error (DPE): Not Applicable or Implemented.
Hardwired to 0. Parity (generating poisoned TLPs) is not supported
on the primary side of this device (we don't do error forwarding).
14
RWC
0b
Signaled System Error (SSE): This bit is set when this Device
sends an SERR due to detecting an ERR_FATAL or ERR_NONFATAL
condition and the SERR Enable bit in the Command register is 1.
Both received (if enabled by BCTRL1[1]) and internally detected
error messages affect this field.
13
RO
0b
Received Master Abort Status (RMAS): Not Applicable or
Implemented. Hardwired to 0. The concept of a master abort does
not exist on primary side of this device.
12
RO
0b
Received Target Abort Status (RTAS): Not Applicable or
Implemented. Hardwired to 0. The concept of a target abort does not
exist on primary side of this device.
11
RO
0b
Signaled Target Abort Status (STAS): Not Applicable or
Implemented. Hardwired to 0. The concept of a target abort does not
exist on primary side of this device.
10:9
RO
DEVSELB Timing (DEVT): This device is not the subtractively
decoded device on bus 0. This bit field is therefore hardwired to 00
to indicate that the device uses the fastest possible decode.
8
RO
0b
Master Data Parity Error (PMDPE): Because the primary side of
the PEG's virtual PCI-to-PCI bridge is integrated with the (G)MCH
functionality there is no scenario where this bit will get set. Because
hardware will never set this bit, it is impossible for software to have
an opportunity to clear this bit or otherwise test that it is
implemented. The PCI specification defines it as a RWC, but for this
implementation an RO definition behaves the same way and will
meet all Microsoft testing requirements.
This bit can only be set when the Parity Error Enable bit in the PCI
Command register is set.
7
RO
0b
Fast Back-to-Back (FB2B): Not Applicable or Implemented.
Hardwired to 0.
6
RO
0b
Reserved
5
RO
0b
66/60MHz capability (CAP66): Not Applicable or Implemented.
Hardwired to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com