Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 184 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 184 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 180Page - Intel Corporation 82G33 Datasheet HTML 181Page - Intel Corporation 82G33 Datasheet HTML 182Page - Intel Corporation 82G33 Datasheet HTML 183Page - Intel Corporation 82G33 Datasheet HTML 184Page - Intel Corporation 82G33 Datasheet HTML 185Page - Intel Corporation 82G33 Datasheet HTML 186Page - Intel Corporation 82G33 Datasheet HTML 187Page - Intel Corporation 82G33 Datasheet HTML 188Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 437 page
background image
PCI Express* Registers (D1:F0)
184
Datasheet
6.1.3
PCICMD1—PCI Command
B/D/F/Type:
0/1/0/PCI
Address Offset:
04–05h
Default Value:
0000h
Access:
RO, RW
Size:
16 bits
Bit
Access &
Default
Description
15:11
RO
00h
Reserved
10
RW
0b
INTA Assertion Disable (INTAAD): This bit 0nly affects interrupts
generated by the device (PCI INTA from a PME or Hot Plug event)
controlled by this command register. It does not affect upstream MSIs,
upstream PCI INTA–INTD assert and de-assert messages.
0 = This device is permitted to generate INTA interrupt messages.
1 = This device is prevented from generating interrupt messages. Any
INTA emulation interrupts already asserted must be de-asserted
when this bit is set.
9
RO
0b
Fast Back-to-Back Enable (FB2B): Not Applicable or Implemented.
Hardwired to 0.
8
RW
0b
SERR# Message Enable (SERRE1): Controls Device 1 SERR#
messaging. The (G)MCH communicates the SERR# condition by
sending an SERR message to the ICH. This bit, when set, enables
reporting of non-fatal and fatal errors detected by the device to the
Root Complex. Note that errors are reported if enabled either through
this bit or through the PCI Express specific bits in the Device Control
Register.
0 = The SERR message is generated by the (G)MCH for Device #1 only
under conditions enabled individually through the Device Control
Register.
1 = The (G)MCH is enabled to generate SERR messages which will be
sent to the ICH for specific Device #1 error conditions
generated/detected on the primary side of the virtual PCI to PCI
bridge (not those received by the secondary side). The status of
SERRs generated is reported in the PCISTS1 register.
7
RO
0b
Reserved: Not Applicable or Implemented. Hardwired to 0.
6
RW
0b
Parity Error Response Enable (PERRE): This bit controls whether or
not the Master Data Parity Error bit in the PCI Status register can bet
set.
0 = Master Data Parity Error bit in PCI Status register can NOT be set.
1 = Master Data Parity Error bit in PCI Status register CAN be set.
5
RO
0b
VGA Palette Snoop (VGAPS): Not Applicable or Implemented.
Hardwired to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com