Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 182 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 182 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 178Page - Intel Corporation 82G33 Datasheet HTML 179Page - Intel Corporation 82G33 Datasheet HTML 180Page - Intel Corporation 82G33 Datasheet HTML 181Page - Intel Corporation 82G33 Datasheet HTML 182Page - Intel Corporation 82G33 Datasheet HTML 183Page - Intel Corporation 82G33 Datasheet HTML 184Page - Intel Corporation 82G33 Datasheet HTML 185Page - Intel Corporation 82G33 Datasheet HTML 186Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 437 page
background image
PCI Express* Registers (D1:F0)
182
Datasheet
Address
Offset
Register
Symbol
Register Name
Default
Value
Access
BA–BBh
SLOTSTS
Slot Status
0000h
RO, RWC
BC–BDh
RCTL
Root Control
0000h
RO, RW
C0– C3h
RSTS
Root Status
00000000h
RO, RWC
EC– EFh
PEGLC
PCI Express-G Legacy Control
00000000h
RW, RO
100–103h
VCECH
Virtual Channel Enhanced Capability
Header
14010002h
RO
104–107h
PVCCAP1
Port VC Capability Register 1
00000000h
RO
108–10Bh
PVCCAP2
Port VC Capability Register 2
00000000h
RO
10C–10Dh
PVCCTL
Port VC Control
0000h
RO, RW
110–113h
VC0RCAP
VC0 Resource Capability
00000000h
RO
114–117h
VC0RCTL
VC0 Resource Control
800000FFh
RO, RW
11A–11Bh
VC0RSTS
VC0 Resource Status
0002h
RO
140–143h
RCLDECH
Root Complex Link Declaration
Enhanced
00010005h
RO
144–147h
ESD
Element Self Description
02000100h
RO, RWO
150–153h
LE1D
Link Entry 1 Description
00000000h
RO, RWO
158–15Fh
LE1A
Link Entry 1 Address
0000000000
000000h
RO, RWO
218–21Fh
PEGSSTS
PCI Express-G Sequence Status
0000000000
000FFFh
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com