Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 178 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 178 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 174Page - Intel Corporation 82G33 Datasheet HTML 175Page - Intel Corporation 82G33 Datasheet HTML 176Page - Intel Corporation 82G33 Datasheet HTML 177Page - Intel Corporation 82G33 Datasheet HTML 178Page - Intel Corporation 82G33 Datasheet HTML 179Page - Intel Corporation 82G33 Datasheet HTML 180Page - Intel Corporation 82G33 Datasheet HTML 181Page - Intel Corporation 82G33 Datasheet HTML 182Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 437 page
background image
DRAM Controller Registers (D0:F0)
178
Datasheet
5.3.4
EPLE2D—EP Link Entry 2 Description
B/D/F/Type:
0/0/0/PXPEPBAR
Address Offset:
60–63h
Default Value:
02000002h
Access:
RO, RWO
Size:
32 bits
This register provides the first part of a Link Entry which declares an internal link to
another Root Complex Element.
Bit
Access &
Default
Description
31:24
RO
02h
Target Port Number (TPN): This field specifies the port number
associated with the element targeted by this link entry (PEG). The
target port number is with respect to the component that contains
this element as specified by the target component ID.
23:16
RWO
00h
Target Component ID (TCID): This field indicates the physical or
logical component that is targeted by this link entry. A value of 0 is
reserved. Component IDs start at 1. This value is a mirror of the
value in the Component ID field of all elements in this component.
BIOS Requirement: Must be initialized according to guidelines in the
PCI Express* Isochronous/Virtual Channel Support Hardware
Programming Specification (HPS).
15:2
RO
0s
Reserved
1
RO
1b
Link Type (LTYP): This field indicates that the link points to
configuration space of the integrated device which controls the x16
root port.
The link address specifies the configuration address (segment, bus,
device, function) of the target root port.
0
RWO
0b
Link Valid (LV):
0 = Link Entry is not valid and will be ignored.
1 = Link Entry specifies a valid link.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com