Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 174 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 174 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 170Page - Intel Corporation 82G33 Datasheet HTML 171Page - Intel Corporation 82G33 Datasheet HTML 172Page - Intel Corporation 82G33 Datasheet HTML 173Page - Intel Corporation 82G33 Datasheet HTML 174Page - Intel Corporation 82G33 Datasheet HTML 175Page - Intel Corporation 82G33 Datasheet HTML 176Page - Intel Corporation 82G33 Datasheet HTML 177Page - Intel Corporation 82G33 Datasheet HTML 178Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 437 page
background image
DRAM Controller Registers (D0:F0)
174
Datasheet
5.2.49
TSMICMD—Thermal SMI Command
B/D/F/Type:
0/0/0/MCHBAR
Address Offset:
CF1h
Default Value:
00h
Access:
RO, RW
Size:
8 bits
This register selects specific errors to generate a SMI DMI special cycle, as enabled by
the Device 0 SMI Error Command Register [SMI on (G)MCH Thermal Sensor Trip]. The
SMI must not be enabled at the same time as the SERR/SCI for the thermal sensor
event.
All bits in this register are reset to their defaults by PLTRST#.
Bit
Access &
Default
Description
7:3
RO
00h
Reserved
2
RW
0b
SMI on (G)MCH Catastrophic Thermal Sensor Trip (SMGCTST):
1 = Does not mask the generation of an SMI DMI special cycle on a
catastrophic thermal sensor trip.
0 = Disable reporting of this condition via SMI messaging.
1
RW
0b
SMI on (G)MCH Hot Thermal Sensor Trip (SMGHTST):
1 = Does not mask the generation of an SMI DMI special cycle on a
Hot thermal sensor trip.
0 = Disable reporting of this condition via SMI messaging.
0
RW
0b
SMI on (G)MCH Aux Thermal Sensor Trip (SMGATST):
1 = Does not mask the generation of an SMI DMI special cycle on an
Auxiliary thermal sensor trip.
0 = Disable reporting of this condition via SMI messaging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com