Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 172 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 172 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 168Page - Intel Corporation 82G33 Datasheet HTML 169Page - Intel Corporation 82G33 Datasheet HTML 170Page - Intel Corporation 82G33 Datasheet HTML 171Page - Intel Corporation 82G33 Datasheet HTML 172Page - Intel Corporation 82G33 Datasheet HTML 173Page - Intel Corporation 82G33 Datasheet HTML 174Page - Intel Corporation 82G33 Datasheet HTML 175Page - Intel Corporation 82G33 Datasheet HTML 176Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 437 page
background image
DRAM Controller Registers (D0:F0)
172
Datasheet
5.2.48
TIS—Thermal Interrupt Status
B/D/F/Type:
0/0/0/MCHBAR
Address Offset:
CEA–CEBh
Default Value:
0000h
Access:
RO, RWC
Size:
16 bits
This register is used to report which specific error condition resulted in the dev. 0 fn. 0
ERRSTS[Thermal Sensor event for SMI/SCI/SERR] or memory mapped IIR Thermal
Event. Software can examine the current state of the thermal zones by examining the
TSS. Software can distinguish internal or external Trip Event by examining EXTTSCS.
Software must write a 1 to clear the status bits in this register.
Following scenario is possible. An interrupt is initiated on a rising temperature trip, the
appropriate DMI cycles are generated, and eventually the software services the
interrupt and sees a rising temperature trip as the cause in the status bits for the
interrupts. Assume that the software then goes and clears the local interrupt status bit
in the TIS register for that trip event. It is possible at this point that a falling
temperature trip event occurs before the software has had the time to clear the global
interrupts status bit. But since software has already looked at the status register
before this event happened, software may not clear the local status flag for this event.
Therefore, after the global interrupt is cleared by software, software must look at the
instantaneous status in the TSS register.
All bits in this register are reset to their defaults by PLTRST#.
Bit
Access &
Default
Description
15:10
RO
00h
Reserved
9
RWC
0b
Was Catastrophic Thermal Sensor Interrupt Event (WCTSIE):
1 = Indicates that a Catastrophic Thermal Sensor trip based on a
higher to lower temperature transition thru the trip point
0 = No trip for this event
8
RWC
0b
Was Hot Thermal Sensor Interrupt Event (WHTSIE):
1 = Indicates that a Hot Thermal Sensor trip based on a higher to
lower temperature transition thru the trip point
0 = No trip for this event
7
RWC
0b
Was Aux0 Thermal Sensor Interrupt Event (WA0TSIE):
1 = Indicates that an Aux0 Thermal Sensor trip based on a higher to
lower temperature transition thru the trip point
0 = No trip for this event Software must write a 1 to clear this status
bit.
6:5
RO
00b
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com