Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 169 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 169 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 165Page - Intel Corporation 82G33 Datasheet HTML 166Page - Intel Corporation 82G33 Datasheet HTML 167Page - Intel Corporation 82G33 Datasheet HTML 168Page - Intel Corporation 82G33 Datasheet HTML 169Page - Intel Corporation 82G33 Datasheet HTML 170Page - Intel Corporation 82G33 Datasheet HTML 171Page - Intel Corporation 82G33 Datasheet HTML 172Page - Intel Corporation 82G33 Datasheet HTML 173Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 437 page
background image
DRAM Controller Registers (D0:F0)
Datasheet
169
5.2.45
TSTTP—Thermal Sensor Temperature Trip Point
B/D/F/Type:
0/0/0/MCHBAR
Address Offset:
CDC–CDFh
Default Value:
00000000h
Access:
RO, RW, RW/L
Size:
32 bits
This register :
• Sets the target values for the trip points in thermometer mode. See also
TST[Direct DAC Connect Test Enable].
• Reports the relative thermal sensor temperature
All bits in this register are reset to their defaults by CL_PWROK.
Bit
Access &
Default
Description
31:24
RO
00h
Relative Temperature (RELT): In Thermometer mode, the RELT
field of this register report the relative temperature of the thermal
sensor. Provides a two's complement value of the thermal sensor
relative to the Hot Trip Point. Temperature above the Hot Trip Point
will be positive.
TR and HTPS can both vary between 0 and 255. But RELT will be
clipped between ±127 to keep it an 8 bit number.
See also TSS[Thermometer mode Output Valid]
In the Analog mode, the RELT field reports HTPS value.
23:16
RW
00h
Aux0 Trip point setting (A0TPS): Sets the target for the Aux0 trip
point.
15:8
RW/L
00h
Hot Trip Point Setting (HTPS): Sets the target value for the Hot
trip point.
Lockable via TCO bit 7.
7:0
RW/L
00h
Catastrophic Trip Point Setting (CTPS): Sets the target for the
Catastrophic trip point. See also TST[Direct DAC Connect Test
Enable].
Lockable via TCO bit 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com