Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 170 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 170 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 166Page - Intel Corporation 82G33 Datasheet HTML 167Page - Intel Corporation 82G33 Datasheet HTML 168Page - Intel Corporation 82G33 Datasheet HTML 169Page - Intel Corporation 82G33 Datasheet HTML 170Page - Intel Corporation 82G33 Datasheet HTML 171Page - Intel Corporation 82G33 Datasheet HTML 172Page - Intel Corporation 82G33 Datasheet HTML 173Page - Intel Corporation 82G33 Datasheet HTML 174Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 437 page
background image
DRAM Controller Registers (D0:F0)
170
Datasheet
5.2.46
TCO—Thermal Calibration Offset
B/D/F/Type:
0/0/0/MCHBAR
Address Offset:
CE2h
Default Value:
00h
Access:
RW/L/K, RW/L
Size:
8 bits
Bit 7: reset to its default by PLTRST#. Bits 6:0 reset to their defaults by CL_PWROK.
Bit
Access &
Default
Description
7
RW/L/K
0b
Lock Bit for Catastrophic (LBC): This bit, when written to a 1, locks
the Catastrophic programming interface, including bits 7:0 of this
register and bits 15:0 of TSTTP, bits 1,7 of TSC 1, bits 3:0 of TSC 2,
bits 4:0 of TSC 3, and bits 0,7 of TST. This bit may only be set to a 0
by a hardware reset (PLTRST#). Writing a 0 to this bit has no effect.
6:0
RW/L
00h
Calibration Offset (CO): This field contains the current calibration
offset for the Thermal Sensor DAC inputs. The calibration offset is a
twos complement signed number which is added to the temperature
counter value to help generate the final value going to the thermal
sensor DAC.
This field is Read/Write and can be modified by Software unless locked
by setting bit 7 of this register.
The fuses cannot be programmed via this register.
Once this register has been overwritten by software, the values of the
TCO fuses can be read using the Therm3 register.
Note for TCO operation:
While this is a seven-bit field, the 7th bit is sign extended to 9 bits for
TCO operation. The range of 00h to 3Fh corresponds to 0 0000 0000 to
0 0011 1111. The range of 41h to 7Fh corresponds to 1 1100 001 (i.e.,
negative 3Fh) to 1 1111 1111 (i.e., negative 1), respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com