Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 171 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 171 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 167Page - Intel Corporation 82G33 Datasheet HTML 168Page - Intel Corporation 82G33 Datasheet HTML 169Page - Intel Corporation 82G33 Datasheet HTML 170Page - Intel Corporation 82G33 Datasheet HTML 171Page - Intel Corporation 82G33 Datasheet HTML 172Page - Intel Corporation 82G33 Datasheet HTML 173Page - Intel Corporation 82G33 Datasheet HTML 174Page - Intel Corporation 82G33 Datasheet HTML 175Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 437 page
background image
DRAM Controller Registers (D0:F0)
Datasheet
171
5.2.47
THERM1—Hardware Throttle Control
B/D/F/Type:
0/0/0/MCHBAR
Address Offset:
CE4h
Default Value:
00h
Access:
RW/L, RO, RW/L/K
Size:
8 bits
All bits in this register are reset to their defaults by PLTRST#.
Bit
Access &
Default
Description
7
RW/L
00h
Internal Thermal Hardware Throttling Enable (ITHTE): This bit is
a master enable for internal thermal sensor-based hardware throttling.
0 = Disable. Hardware actions via the internal thermal sensor are
disabled.
1 = Enable. Hardware actions via the internal thermal sensor are
enabled.
6
RW/L
00h
Internal Thermal Hardware Throttling Type (ITHTT): This policy
bit determines what type of hardware throttling will be enacted by the
internal thermal sensor when enabled by ITHTE.
0 = (G)MCH throttling
1 = DRAM throttling
5
RO
00h
Reserved
4
RW/L
00h
Throttling Temperature Range Selection (TTRS): This bit
determines what temperature ranges will enable throttling. Lockable
by bit 0 of this register. See also the throttling registers in MCHBAR
configuration space C0GTC and C1GTC [(G)MCH Thermal Sensor Trip
Enable] and PEFC [Thermal Sensor Trip Enable] which are used to
enable or disable throttling.
0 = Catastrophic only. The Catastrophic thermal temperature range
will enable main memory thermal throttling.
1 = Hot and Catastrophic.
3
RW/L
00h
Halt on Catastrophic (HOC):
0 = Continue to toggle clocks when the catastrophic sensor trips.
1 = All clocks are disabled when the catastrophic sensor trips. A
system reset is required to bring the system out of a halt from the
thermal sensor.
2:1
RO
00b
Reserved
0
RW/L/K
00h
Hardware Throttling Lock Bit (HTL): This bit locks bits 7:0 of this
register.
0 = The register bits are unlocked.
1 = The register bits are locked. It may only be set to a 0 by a
hardware reset.
Writing a 0 to this bit has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com