Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 168 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 168 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 164Page - Intel Corporation 82G33 Datasheet HTML 165Page - Intel Corporation 82G33 Datasheet HTML 166Page - Intel Corporation 82G33 Datasheet HTML 167Page - Intel Corporation 82G33 Datasheet HTML 168Page - Intel Corporation 82G33 Datasheet HTML 169Page - Intel Corporation 82G33 Datasheet HTML 170Page - Intel Corporation 82G33 Datasheet HTML 171Page - Intel Corporation 82G33 Datasheet HTML 172Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 437 page
background image
DRAM Controller Registers (D0:F0)
168
Datasheet
5.2.44
TSS—Thermal Sensor Status
B/D/F/Type:
0/0/0/MCHBAR
Address Offset:
CDAh
Default Value:
00h
Access:
RO
Size:
8 bits
This read only register provides trip point and other status of the thermal sensor. All
bits in this register are reset to their defaults by CL_PWROK.
Bit
Access &
Default
Description
7
RO
0b
Catastrophic Trip Indicator (CTI):
1 = Internal thermal sensor temperature is above the catastrophic
setting.
6
RO
0b
Hot Trip Indicator (HTI):
1 = Internal thermal sensor temperature is above the Hot setting.
5
RO
0b
Aux0 Trip Indicator (A0TI):
1 = Internal thermal sensor temperature is above the Aux0 setting.
4
RO
0b
Thermometer Mode Output Valid (TOV):
1 = Thermometer mode is able to converge to a temperature and that
the TR register is reporting a reasonable estimate of the thermal
sensor temperature.
0 = Thermometer mode is off, or that temperature is out of range, or
that the TR register is being looked at before a temperature
conversion has had time to complete.
3:2
RO
00b
Reserved
1
RO
0b
Direct Catastrophic Comparator Read (DCCR): This bit reads the
output of the Catastrophic comparator directly, without latching via the
Thermometer mode circuit. Used for testing.
0
RO
0b
Direct Hot Comparator Read (DHCR): This bit reads the output of
the Hot comparator directly, without latching via the Thermometer
mode circuit. Used for testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com