Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 164 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 164 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 160Page - Intel Corporation 82G33 Datasheet HTML 161Page - Intel Corporation 82G33 Datasheet HTML 162Page - Intel Corporation 82G33 Datasheet HTML 163Page - Intel Corporation 82G33 Datasheet HTML 164Page - Intel Corporation 82G33 Datasheet HTML 165Page - Intel Corporation 82G33 Datasheet HTML 166Page - Intel Corporation 82G33 Datasheet HTML 167Page - Intel Corporation 82G33 Datasheet HTML 168Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 437 page
background image
DRAM Controller Registers (D0:F0)
164
Datasheet
Bit
Access &
Default
Description
25:22
RW
0000b
DRAM Refresh Hysterisis (REFHYSTERISIS): Hysterisis level -
Useful for dref_high watermark cases. The dref_high flag is set when
the dref_high watermark level is exceeded, and is cleared when the
refresh count is less than the hysterisis level. This bit should be set to
a value less than the high watermark level.
0000 = 0
0001 = 1
.......
1000 = 8
21:18
RW
0000b
DRAM Refresh High Watermark (REFHIGHWM): When the
refresh count exceeds this level, a refresh request is launched to the
scheduler and the dref_high flag is set.
0000 = 0
0001 = 1
.......
1000 = 8
17:14
RW
0000b
DRAM Refresh Low Watermark (REFLOWWM): When the refresh
count exceeds this level, a refresh request is launched to the
scheduler and the dref_low flag is set.
0000 = 0
0001 = 1
.......
1000 = 8
13:0
RW
001100001
10000b
Refresh Counter Time Out Value (REFTIMEOUT): Program this
field with a value that will provide 7.8 us at the memory clock
frequency. At various memory clock frequencies this results in the
following values:
266 MHz -> 820 hex
333 MHz -> A28 hex
400 MHz -> C30 hex
533 MHz -> 104B hex
666 MHz -> 1450 hex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com