Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 165 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 165 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 161Page - Intel Corporation 82G33 Datasheet HTML 162Page - Intel Corporation 82G33 Datasheet HTML 163Page - Intel Corporation 82G33 Datasheet HTML 164Page - Intel Corporation 82G33 Datasheet HTML 165Page - Intel Corporation 82G33 Datasheet HTML 166Page - Intel Corporation 82G33 Datasheet HTML 167Page - Intel Corporation 82G33 Datasheet HTML 168Page - Intel Corporation 82G33 Datasheet HTML 169Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 437 page
background image
DRAM Controller Registers (D0:F0)
Datasheet
165
5.2.42
TSC1—Thermal Sensor Control 1
B/D/F/Type:
0/0/0/MCHBAR
Address Offset:
CD8h
Default Value:
00h
Access:
RW/L, RW, RS/WC
Size:
8 bits
This register controls the operation of the thermal sensor. Bits 7:1 of this register are
reset to their defaults by CL_PWROK. Bit 0 is reset to its default by PLTRST#.
Bit
Access &
Default
Description
7
RW/L
0b
Thermal Sensor Enable (TSE): This bit enables power to the
thermal sensor. Lockable via TCO bit 7.
0 = Disabled
1 = Enabled
6
RW
0b
Analog Hysteresis Control (AHC): This bit enables the analog
hysteresis control to the thermal sensor. When enabled, about 1
degree of hysteresis is applied. This bit should normally be off in
thermometer mode since the thermometer mode of the thermal
sensor defeats the usefulness of analog hysteresis.
0 = hysteresis disabled
1= analog hysteresis enabled.
5:2
RW
0000b
Digital Hysteresis Amount (DHA): This bit determines whether no
offset, 1 LSB, 2... 15 is used for hysteresis for the trip points.
0000 = digital hysteresis disabled, no offset added to trip
temperature
0001 = offset is 1 LSB added to each trip temperature when tripped
...
0110 = ~3.0 °C (Recommended setting)
...
1110 = added to each trip temperature when tripped
1111 = added to each trip temperature when tripped
1
RW/L
0b
Thermal Sensor Comparator Select (TSCS): This bit multiplexes
between the two analog comparator outputs. Normally Catastrophic is
used. Lockable via TCO bit 7.
0 = Catastrophic
1 = Hot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com