Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 162 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 162 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 158Page - Intel Corporation 82G33 Datasheet HTML 159Page - Intel Corporation 82G33 Datasheet HTML 160Page - Intel Corporation 82G33 Datasheet HTML 161Page - Intel Corporation 82G33 Datasheet HTML 162Page - Intel Corporation 82G33 Datasheet HTML 163Page - Intel Corporation 82G33 Datasheet HTML 164Page - Intel Corporation 82G33 Datasheet HTML 165Page - Intel Corporation 82G33 Datasheet HTML 166Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 437 page
background image
DRAM Controller Registers (D0:F0)
162
Datasheet
5.2.40
MEMEMSPACE—ME Memory Space Configuration
B/D/F/Type:
0/0/0/MCHBAR
Address Offset:
A2Eh
Default Value:
00h
Access:
R/W, RO
Size:
8 bits
This register provides settings to enable the ME memory space and define the size of
EP memory if enabled.
Bit
Access &
Default
Description
7:5
RO
000b
Reserved
4:0
R/W
00000b
ME-UMA(Sx) Region Size (EXRS): These bits are written by
firmware to indicate the desired size of ME-UMA(Sx) memory region.
This is done prior to bring up core power and allowing BIOS to
initialize memory. Within channel 0 DDR, the physical base address
for MEUMA(Sx) will be determined by:
ME-UMA(Sx)BASE = C0DRB3 - EXRS
This forces the ME-UMA(Sx) region to always be positioned at the top
of the memory populated in channel 0. The approved sizes for ME-
UMA(Sx) are values between 0000b (0MB, no ME-UMA(Sx) region)
and 10000b (16MB ME-UMA(Sx) region)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com