Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 159 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 159 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 155Page - Intel Corporation 82G33 Datasheet HTML 156Page - Intel Corporation 82G33 Datasheet HTML 157Page - Intel Corporation 82G33 Datasheet HTML 158Page - Intel Corporation 82G33 Datasheet HTML 159Page - Intel Corporation 82G33 Datasheet HTML 160Page - Intel Corporation 82G33 Datasheet HTML 161Page - Intel Corporation 82G33 Datasheet HTML 162Page - Intel Corporation 82G33 Datasheet HTML 163Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 437 page
background image
DRAM Controller Registers (D0:F0)
Datasheet
159
5.2.38
EPDCYCTRKWRTRD—EPD CYCTRK WRT READ
B/D/F/Type:
0/0/0/MCHBAR
Address Offset:
A24–A26h
Default Value:
000000h
Access:
RW
Size:
24 bits
BIOS Optimal Default
000h
This register provides EPD CYCTRK WRT RD Status.
Bit
Access &
Default
Description
23:23
RO
0h
Reserved
22:20
RW
000b
EPDunit DQS Slave DLL Enable to Read Safe (EPDSDLL2RD):
This field provides the setting for Read command safe from the point
of enabling the slave DLLs.
19:18
RO
0h
Reserved
17:14
RW
0h
Min ACT To READ Delayed (C0sd_cr_act_rd): This field indicates
the minimum allowed spacing (in DRAM clocks) between the ACT and
READ commands to the same rank-bank.
13:9
RW
00000b
Same Rank READ to WRITE Delayed (C0sd_cr_wrsr_rd): This
field indicates the minimum allowed spacing (in DRAM clocks) between
the READ and WRITE commands.
8:6
RO
0h
Reserved
5:3
RW
000b
Same Rank Read To Read Delayed (C0sd_cr_rdsr_rd): This field
indicates the minimum allowed spacing (in DRAM clocks) between two
READ commands to the same rank.
2:0
RO
0h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com