Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 155 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 155 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 151Page - Intel Corporation 82G33 Datasheet HTML 152Page - Intel Corporation 82G33 Datasheet HTML 153Page - Intel Corporation 82G33 Datasheet HTML 154Page - Intel Corporation 82G33 Datasheet HTML 155Page - Intel Corporation 82G33 Datasheet HTML 156Page - Intel Corporation 82G33 Datasheet HTML 157Page - Intel Corporation 82G33 Datasheet HTML 158Page - Intel Corporation 82G33 Datasheet HTML 159Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 437 page
background image
DRAM Controller Registers (D0:F0)
Datasheet
155
5.2.32
EPC0DRB3—EP Channel 0 DRAM Rank Boundary Address 3
B/D/F/Type:
0/0/0/MCHBAR
Address Offset:
A06–A07h
Default Value:
0000h
Access:
RW, RO
Size:
16 bits
See C0DRB0 register.
Bit
Access &
Default
Description
15:10
RO
000000b
Reserved
9:0
RW
000h
Channel 0 DRAM Rank Boundary Address 3 (C0DRBA3):
5.2.33
EPC0DRA01—EP Channel 0 DRAM Rank 0,1 Attribute
B/D/F/Type:
0/0/0/MCHBAR
Address Offset:
A08–A09h
Default Value:
0000h
Access:
RW
Size:
16 bits
The DRAM Rank Attribute Registers define the page sizes/number of banks to be used
when accessing different ranks. These registers should be left with their default value
(all zeros) for any rank that is unpopulated, as determined by the corresponding
CxDRB registers. Each byte of information in the CxDRA registers describes the page
size of a pair of ranks. Channel and rank map:
Ch0 Rank0, 1:
108h – 109h
Ch0 Rank2, 3:
10Ah – 10Bh
Ch1 Rank0, 1:
188h – 189h
Ch1 Rank2, 3:
18Ah – 18Bh
Bit
Access &
Default
Description
15:8
RW
00h
Channel 0 DRAM Rank-1 Attributes (C0DRA1): This field defines
DRAM pagesize/number-of-banks for rank1 for given channel.
7:0
RW
00h
Channel 0 DRAM Rank-0 Attributes (C0DRA0): This field defines
DRAM pagesize/number-of-banks for rank0 for given channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com