Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 153 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 153 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 149Page - Intel Corporation 82G33 Datasheet HTML 150Page - Intel Corporation 82G33 Datasheet HTML 151Page - Intel Corporation 82G33 Datasheet HTML 152Page - Intel Corporation 82G33 Datasheet HTML 153Page - Intel Corporation 82G33 Datasheet HTML 154Page - Intel Corporation 82G33 Datasheet HTML 155Page - Intel Corporation 82G33 Datasheet HTML 156Page - Intel Corporation 82G33 Datasheet HTML 157Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 437 page
background image
DRAM Controller Registers (D0:F0)
Datasheet
153
Bit
Access &
Default
Description
15:14
RW
00b
DRAM Refresh Low Watermark (REFLOWWM): When the refresh
count exceeds this level, a refresh request is launched to the scheduler
and the dref_low flag is set.
00 = 1
01 = 2
10 = 3
11 = 4
13:0
RW
00110000
110000b
Refresh Counter Time Out Value (REFTIMEOUT): Program this
field with a value that will provide 7.8 us at the memory clock
frequency. At various memory clock frequencies this results in the
following values:
266 MHz -> 820 hex
333 MHz -> A28 hex
400 MHz -> C30 hex
533 MHz -> 104B hex
666 MHz -> 1450 hex
5.2.28
C1ODTCTRL—Channel 1 ODT Control
B/D/F/Type:
0/0/0/MCHBAR
Address Offset:
69C–69Fh
Default Value:
00000000h
Access:
RO, RW
Size:
32 bits
This register provides ODT controls.
Bit
Access &
Default
Description
31:12
RO
00000h
Reserved
11:8
RW
0h
DRAM ODT for Read Commands (sd1_cr_odt_duration_rd):
Specifies the duration in MDCLKs to assert DRAM ODT for Read
Commands. The Async value should be used when the Dynamic
Powerdown bit is set. Else use the Sync value.
7:4
RW
0h
DRAM ODT for Write Commands (sd1_cr_odt_duration_wr):
Specifies the duration in MDCLKs to assert DRAM ODT for Write
Commands. The Async value should be used when the Dynamic
Powerdown bit is set. Else use the Sync value.
3:0
RW
0h
MCH ODT for Read Commands (sd1_cr_mchodt_duration):
Specifies the duration in MDCLKs to assert MCH ODT for Read
Commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com