Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 152 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 152 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 148Page - Intel Corporation 82G33 Datasheet HTML 149Page - Intel Corporation 82G33 Datasheet HTML 150Page - Intel Corporation 82G33 Datasheet HTML 151Page - Intel Corporation 82G33 Datasheet HTML 152Page - Intel Corporation 82G33 Datasheet HTML 153Page - Intel Corporation 82G33 Datasheet HTML 154Page - Intel Corporation 82G33 Datasheet HTML 155Page - Intel Corporation 82G33 Datasheet HTML 156Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 437 page
background image
DRAM Controller Registers (D0:F0)
152
Datasheet
Bit
Access &
Default
Description
25
RW
0b
Refresh Counter Enable (REFCNTEN): This bit is used to enable the
refresh counter to count during times that DRAM is not in self-refresh,
but refreshes are not enabled. Such a condition may occur due to need
to reprogram DIMMs following DRAM controller switch.
This bit has no effect when Refresh is enabled (i.e., there is no mode
where Refresh is enabled but the counter does not run). Thus, in
conjunction with bit 23 REFEN, the modes are:
REFEN:REFCNTEN
Description
0:0
Normal refresh disable
0:1
Refresh disabled, but counter is accumulating
refreshes.
1:X
Normal refresh enable
24
RW
0b
All Rank Refresh (ALLRKREF): This configuration bit enables (by
default) that all the ranks are refreshed in a staggered/atomic fashion.
If set, the ranks are refreshed in an independent fashion.
23
RW
0b
Refresh Enable (REFEN): Refresh is enabled.
0 = Disabled
1 = Enabled
22
RW
0b
DDR Initialization Done (INITDONE): Indicates that DDR
initialization is complete.
0 = Not Done
1 = Done
21:20
RW
00b
DRAM Refresh Hysterisis (REFHYSTERISIS): Hysterisis level -
Useful for dref_high watermark cases. The dref_high flag is set when
the dref_high watermark level is exceeded, and is cleared when the
refresh count is less than the hysterisis level. This field should be set to
a value less than the high watermark level.
00 = 3
01 = 4
10 = 5
11 = 6
19:18
RW
00b
DRAM Refresh Panic Watermark (REFPANICWM): When the
refresh count exceeds this level, a refresh request is launched to the
scheduler and the dref_panic flag is set.
00 = 5
01 = 6
10 = 7
11 = 8
17:16
RW
00b
DRAM Refresh High Watermark (REFHIGHWM): When the refresh
count exceeds this level, a refresh request is launched to the scheduler
and the dref_high flag is set.
00 = 3
01 = 4
10 = 5
11 = 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com