Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 151 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 151 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 147Page - Intel Corporation 82G33 Datasheet HTML 148Page - Intel Corporation 82G33 Datasheet HTML 149Page - Intel Corporation 82G33 Datasheet HTML 150Page - Intel Corporation 82G33 Datasheet HTML 151Page - Intel Corporation 82G33 Datasheet HTML 152Page - Intel Corporation 82G33 Datasheet HTML 153Page - Intel Corporation 82G33 Datasheet HTML 154Page - Intel Corporation 82G33 Datasheet HTML 155Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 437 page
background image
DRAM Controller Registers (D0:F0)
Datasheet
151
Bit
Access &
Default
Description
15:14
RO
00b
Reserved
13:10
RW
0010b
Minimum Powerdown Exit to Non-Read command spacing
(sd1_cr_txp): This configuration register indicates the minimum
number of clocks to wait following assertion of CKE before issuing a
non-read command.
1010–1111 = Reserved.
0010–1001 = 2-9 clocks
0000–0001 = Reserved.
9:1
RW
000000000b
Self refresh exit count (sd1_cr_slfrfsh_exit_cnt): This
configuration register indicates the Self refresh exit count.
(Program to 255). This field corresponds to tXSNR/tXSRD in the DDR
Specification.
0
RW
0b
indicates only 1 DIMM populated (sd1_cr_singledimmpop):
This bit, when set, indicates that only 1 DIMM is populated.
5.2.27
C1REFRCTRL—Channel 1 DRAM Refresh Control
B/D/F/Type:
0/0/0/MCHBAR
Address Offset:
669–66Eh
Default Value:
021830000C30h
Access:
RW, RO
Size:
48 bits
This register provides settings to configure the DRAM refresh controller.
Bit
Access &
Default
Description
47:42
RO
00h
Reserved
41:37
RW
10000b
Direct Rcomp Quiet Window (DIRQUIET): This configuration
setting indicates the amount of refresh_tick events to wait before the
service of rcomp request in non-default mode of independent rank
refresh.
36:32
RW
11000b
Indirect Rcomp Quiet Window (INDIRQUIET): This configuration
setting indicates the amount of refresh_tick events to wait before the
service of rcomp request in non-default mode of independent rank
refresh.
31:27
RW
00110b
Rcomp Wait (RCOMPWAIT): This configuration setting indicates the
amount of refresh_tick events to wait before the service of rcomp
request in non-default mode of independent rank refresh.
26
RW
0b
ZQCAL Enable (ZQCALEN): This bit enables the DRAM controller to
issue ZQCAL S command periodically.
0 = Disable
1 = Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com