Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 150 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 150 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 146Page - Intel Corporation 82G33 Datasheet HTML 147Page - Intel Corporation 82G33 Datasheet HTML 148Page - Intel Corporation 82G33 Datasheet HTML 149Page - Intel Corporation 82G33 Datasheet HTML 150Page - Intel Corporation 82G33 Datasheet HTML 151Page - Intel Corporation 82G33 Datasheet HTML 152Page - Intel Corporation 82G33 Datasheet HTML 153Page - Intel Corporation 82G33 Datasheet HTML 154Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 437 page
background image
DRAM Controller Registers (D0:F0)
150
Datasheet
5.2.26
C1CKECTRL—Channel 1 CKE Control
B/D/F/Type:
0/0/0/MCHBAR
Address Offset:
660–663h
Default Value:
00000800h
Access:
RW/L, RW, RO
Size:
32 bits
This register provides Channel 1 CKE Controls.
Bit
Access &
Default
Description
31:28
RO
0h
Reserved
27
RW
0b
start the self-refresh exit sequence (sd1_cr_srcstart): This
field indicates the request to start the self-refresh exit sequence.
26:24
RW
000b
CKE pulse width requirement in high phase
(sd1_cr_cke_pw_hl_safe): This field indicates CKE pulse width
requirement in high phase. This field corresponds to tCKE (high) in
the DDR Specification.
23
RW/L
0b
Rank 3 Population (sd1_cr_rankpop3):
1 = Rank 3 populated
0 = Rank 3 not populated.
This register is locked by ME stolen Memory lock
.
22
RW/L
0b
Rank 2 Population (sd1_cr_rankpop2):
1 = Rank 2 populated
0 = Rank 2 not populated
This register is locked by ME stolen Memory lock.
21
RW/L
0b
Rank 1 Population (sd1_cr_rankpop1):
1 = Rank 1 populated
0 = Rank 1 not populated.
This register is locked by ME stolen Memory lock.
20
RW/L
0b
Rank 0 Population (sd1_cr_rankpop0):
1 = Rank 0 populated
0 = Rank 0 not populated
This register is locked by ME stolen Memory lock.
19:17
RW
000b
CKE pulse width requirement in low phase
(sd1_cr_cke_pw_lh_safe): This configuration register indicates
CKE pulse width requirement in low phase. This field corresponds
to tCKE (low) in the DDR Specification.
16
RW
0b
Enable CKE toggle for PDN entry/exit (sd1_cr_pdn_enable):
This configuration bit indicates that the toggling of CKEs (for PDN
entry/exit) is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com