Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 149 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 149 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 145Page - Intel Corporation 82G33 Datasheet HTML 146Page - Intel Corporation 82G33 Datasheet HTML 147Page - Intel Corporation 82G33 Datasheet HTML 148Page - Intel Corporation 82G33 Datasheet HTML 149Page - Intel Corporation 82G33 Datasheet HTML 150Page - Intel Corporation 82G33 Datasheet HTML 151Page - Intel Corporation 82G33 Datasheet HTML 152Page - Intel Corporation 82G33 Datasheet HTML 153Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 437 page
background image
DRAM Controller Registers (D0:F0)
Datasheet
149
5.2.25
C1CYCTRKRD—Channel 1 CYCTRK READ
B/D/F/Type:
0/0/0/MCHBAR
Address Offset:
658–65Ah
Default Value:
000000h
Access:
RO, RW
Size:
24 bits
This is the Channel 1 CYCTRK READ register.
Bit
Access &
Default
Description
23:21
RO
0h
Reserved
20:17
RW
0h
Min ACT To READ Delayed (C1sd_cr_act_rd): This field indicates
the minimum allowed spacing (in DRAM clocks) between the ACT and
READ commands to the same rank-bank. This field corresponds to
tRCD_rd in the DDR Specification.
16:12
RW
00000b
Same Rank Write To READ Delayed (C1sd_cr_wrsr_rd): This
field indicates the minimum allowed spacing (in DRAM clocks) between
the WRITE and READ commands to the same rank. This field
corresponds to tWTR in the DDR Specification.
11:8
RW
0000b
Different Ranks Write To READ Delayed (C1sd_cr_wrdr_rd):
This field indicates the minimum allowed spacing (in DRAM clocks)
between the WRITE and READ commands to different ranks. This field
corresponds to tWR_RD in the DDR Specification.
7:4
RW
0000b
Same Rank Read To Read Delayed (C1sd_cr_rdsr_rd): This field
indicates the minimum allowed spacing (in DRAM clocks) between two
READ commands to the same rank.
3:0
RW
0000b
Different Ranks Read To Read Delayed (C1sd_cr_rddr_rd): This
configuration register indicates the minimum allowed spacing (in
DRAM clocks) between two READ commands to different ranks. This
field corresponds to tRD_RD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com