Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 161 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 161 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 157Page - Intel Corporation 82G33 Datasheet HTML 158Page - Intel Corporation 82G33 Datasheet HTML 159Page - Intel Corporation 82G33 Datasheet HTML 160Page - Intel Corporation 82G33 Datasheet HTML 161Page - Intel Corporation 82G33 Datasheet HTML 162Page - Intel Corporation 82G33 Datasheet HTML 163Page - Intel Corporation 82G33 Datasheet HTML 164Page - Intel Corporation 82G33 Datasheet HTML 165Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 437 page
background image
DRAM Controller Registers (D0:F0)
Datasheet
161
Bit
Access &
Default
Description
13
RW
0b
EPDunit Power Down enable for ODT Rank (EPDOAPDEN):
Configuration to enable the ODT ranks to dynamically enter power
down.
1 = Enable active power down.
0 = Disable active power down.
12
RW
0b
EPDunit Power Down enable for Active Rank (EPDAAPDEN):
Configuration to enable the active rank to dynamically enter power
down.
1 = Enable active power down.
0 = Disable active power down.
11:10
RO
0h
Reserved
9:1
RW
00000000
0b
Self refresh exit count (sd0_cr_slfrfsh_exit_cnt): This field
indicates the Self refresh exit count. (Program to 255)
0
RW
0b
indicates only 1 rank enabled (sd0_cr_singledimmpop): This
field indicates that only 1 rank is enabled. This bit needs to be set if
there is one active rank and no odt ranks, or if there is one active rank
and one odt rank and they are the same rank.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com