Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 166 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 166 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 162Page - Intel Corporation 82G33 Datasheet HTML 163Page - Intel Corporation 82G33 Datasheet HTML 164Page - Intel Corporation 82G33 Datasheet HTML 165Page - Intel Corporation 82G33 Datasheet HTML 166Page - Intel Corporation 82G33 Datasheet HTML 167Page - Intel Corporation 82G33 Datasheet HTML 168Page - Intel Corporation 82G33 Datasheet HTML 169Page - Intel Corporation 82G33 Datasheet HTML 170Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 437 page
background image
DRAM Controller Registers (D0:F0)
166
Datasheet
Bit
Access &
Default
Description
0
RS/WC
0b
In Use (IU): Software semaphore bit.
After a full MCH RESET, a read to this bit returns a 0.
After the first read, subsequent reads will return a 1.
A write of a 1 to this bit will reset the next read value to 0.
Writing a 0 to this bit has no effect.
Software can poll this bit until it reads a 0, and will then own the
usage of the thermal sensor.
This bit has no other effect on the hardware, and is only used as a
semaphore among various independent software threads that may
need to use the thermal sensor.
Software that reads this register but does not intend to claim
exclusive access of the thermal sensor must write a one to this bit if it
reads a 0, in order to allow other software threads to claim it.
See also THERM3 bit 7 and IUB, which are independent additional
semaphore bits.
5.2.43
TSC2—Thermal Sensor Control 2
B/D/F/Type:
0/0/0/MCHBAR
Address Offset:
CD9h
Default Value:
00h
Access:
RW/L, RO
Size:
8 bits
This register controls the operation of the thermal sensor. All bits in this register are
reset to their defaults by CL_PWROK.
Bit
Access &
Default
Description
7:4
RO
0h
Reserved
3:0
RW/L
0h
Thermometer Mode Enable and Rate (TE): If analog thermal
sensor mode is not enabled by setting these bits to 0000b, these bits
enable the thermometer mode functions and set the Thermometer
controller rate.
When the Thermometer mode is disabled and TSC1[TSE] =enabled,
the analog sensor mode should be fully functional. In the analog
sensor mode, the Catastrophic trip is functional, and the Hot trip is
functional at the offset below the catastrophic programmed into
TSC2[CHO]. The other trip points are not functional in this mode.
When Thermometer mode is enabled, all the trip points (Catastrophic,
Hot, Aux0) will all operate using the programmed trip points and
Thermometer mode rate.
Note: When disabling the Thermometer mode while thermometer
running, the Thermometer mode controller will finish the
current cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com