Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 175 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 175 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 171Page - Intel Corporation 82G33 Datasheet HTML 172Page - Intel Corporation 82G33 Datasheet HTML 173Page - Intel Corporation 82G33 Datasheet HTML 174Page - Intel Corporation 82G33 Datasheet HTML 175Page - Intel Corporation 82G33 Datasheet HTML 176Page - Intel Corporation 82G33 Datasheet HTML 177Page - Intel Corporation 82G33 Datasheet HTML 178Page - Intel Corporation 82G33 Datasheet HTML 179Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 437 page
background image
DRAM Controller Registers (D0:F0)
Datasheet
175
5.2.50
PMSTS—Power Management Status
B/D/F/Type:
0/0/0/MCHBAR
Address Offset:
F14–F17h
Default Value:
00000000h
Access:
RWC/S, RO
Size:
32 bits
This register is Reset by PWROK only.
Bit
Access &
Default
Description
31:9
RO
000000h
Reserved
8
RWC/S
0b
Warm Reset Occurred (WRO): Set by the PMunit whenever a Warm
Reset is received, and cleared by PWROK=0.
0 = No Warm Reset occurred.
1 = Warm Reset occurred.
BIOS Requirement: BIOS can check and clear this bit whenever
executing POST code. This way BIOS knows that if the bit is set, then
the PMSTS bits [1:0] must also be set, and if not BIOS needs to
power-cycle the platform.
7:2
RO
00h
Reserved
1
RWC/S
0b
Channel 1 in Self-Refresh (C1SR): Set by power management
hardware after Channel 1 is placed in self refresh as a result of a
Power State or a Reset Warn sequence.
Cleared by Power management hardware before starting Channel 1 self
refresh exit sequence initiated by a power management exit.
Cleared by the BIOS by writing a 1 in a warm reset (Reset# asserted
while PWROK is asserted) exit sequence.
0 = Channel 1 not ensured to be in self refresh.
1 = Channel 1 in Self Refresh.
0
RWC/S
0b
Channel 0 in Self-Refresh (C0SR): Set by power management
hardware after Channel 0 is placed in self refresh as a result of a
Power State or a Reset Warn sequence.
Cleared by Power management hardware before starting Channel 0 self
refresh exit sequence initiated by a power management exit.
Cleared by the BIOS by writing a 1 in a warm reset (Reset# asserted
while PWROK is asserted) exit sequence.
0 = Channel 0 not ensured to be in self refresh.
1 = Channel 0 in Self Refresh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com