Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 180 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 180 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 176Page - Intel Corporation 82G33 Datasheet HTML 177Page - Intel Corporation 82G33 Datasheet HTML 178Page - Intel Corporation 82G33 Datasheet HTML 179Page - Intel Corporation 82G33 Datasheet HTML 180Page - Intel Corporation 82G33 Datasheet HTML 181Page - Intel Corporation 82G33 Datasheet HTML 182Page - Intel Corporation 82G33 Datasheet HTML 183Page - Intel Corporation 82G33 Datasheet HTML 184Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 437 page
background image
PCI Express* Registers (D1:F0)
180
Datasheet
6
PCI Express* Registers (D1:F0)
Device 1 (D1), Funciton 0 (F0) contains the controls associated with the PCI Express
x16 root port that is the intended to attach as the point for external graphics. It also
functions as the virtual PCI-to-PCI bridge.
Warning: When reading the PCI Express "conceptual" registers such as this, you may not get a
valid value unless the register value is stable.
The PCI Express* Specification defines two types of reserved bits.
Reserved and Preserved:
1. Reserved for future RW implementations; software must preserve value read
for writes to bits.
2. Reserved and Zero: Reserved for future R/WC/S implementations; software
must use 0 for writes to bits.
Unless explicitly documented as Reserved and Zero, all bits marked as reserved are
part of the Reserved and Preserved type, which have historically been the typical
definition for Reserved.
Note: Most (if not all) control bits in this device cannot be modified unless the link is down.
Software is required to first Disable the link, then program the registers, and then re-
enable the link (which will cause a full-retrain with the new settings).
Table 6-1. PCI Express* Register Address Map (D1:F0)
Address
Offset
Register
Symbol
Register Name
Default
Value
Access
00–01h
VID1
Vendor Identification
8086h
RO
02–03h
DID1
Device Identification
29C1h
RO
04–05h
PCICMD1
PCI Command
0000h
RO, RW
06–07h
PCISTS1
PCI Status
0010h
RO, RWC
08h
RID1
Revision Identification
00h
RO
09–0Bh
CC1
Class Code
060400h
RO
0Ch
CL1
Cache Line Size
00h
RW
0Eh
HDR1
Header Type
01h
RO
18h
PBUSN1
Primary Bus Number
00h
RO
19h
SBUSN1
Secondary Bus Number
00h
RW
1Ah
SUBUSN1
Subordinate Bus Number
00h
RW
1Ch
IOBASE1
I/O Base Address
F0h
RW, RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com