Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 200 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 200 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 196Page - Intel Corporation 82G33 Datasheet HTML 197Page - Intel Corporation 82G33 Datasheet HTML 198Page - Intel Corporation 82G33 Datasheet HTML 199Page - Intel Corporation 82G33 Datasheet HTML 200Page - Intel Corporation 82G33 Datasheet HTML 201Page - Intel Corporation 82G33 Datasheet HTML 202Page - Intel Corporation 82G33 Datasheet HTML 203Page - Intel Corporation 82G33 Datasheet HTML 204Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 437 page
background image
PCI Express* Registers (D1:F0)
200
Datasheet
Bit
Access &
Default
Description
2
RW
0b
ISA Enable (ISAEN): Needed to exclude legacy resource decode to
route ISA resources to legacy decode path. This bit modifies the
response by the (G)MCH to an I/O access issued by the processor that
target ISA I/O addresses. This applies only to I/O addresses that are
enabled by the IOBASE and IOLIMIT registers.
0 = All addresses defined by the IOBASE and IOLIMIT for processor
I/O transactions will be mapped to PCI Express.
1 = (G)MCH will not forward to PCI Express any I/O transactions
addressing the last 768 bytes in each 1 KB block even if the
addresses are within the range defined by the IOBASE and
IOLIMIT registers.
1
RW
0b
SERR Enable (SERREN):
0 = No forwarding of error messages from secondary side to primary
side that could result in an SERR.
1 = ERR_COR, ERR_NONFATAL, and ERR_FATAL messages result in
SERR message when individually enabled by the Root Control
register.
0
RW
0b
Parity Error Response Enable (PEREN): This bit controls whether
or not the Master Data Parity Error bit in the Secondary Status
register is set when the (G)MCH receives across the link (upstream) a
Read Data Completion Poisoned TLP.
0 = Master Data Parity Error bit in Secondary Status register can NOT
be set.
1 = Master Data Parity Error bit in Secondary Status register CAN be
set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com