Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 202 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 202 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 198Page - Intel Corporation 82G33 Datasheet HTML 199Page - Intel Corporation 82G33 Datasheet HTML 200Page - Intel Corporation 82G33 Datasheet HTML 201Page - Intel Corporation 82G33 Datasheet HTML 202Page - Intel Corporation 82G33 Datasheet HTML 203Page - Intel Corporation 82G33 Datasheet HTML 204Page - Intel Corporation 82G33 Datasheet HTML 205Page - Intel Corporation 82G33 Datasheet HTML 206Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 437 page
background image
PCI Express* Registers (D1:F0)
202
Datasheet
6.1.26
PM_CS1—Power Management Control/Status
B/D/F/Type:
0/1/0/PCI
Address Offset:
84–87h
Default Value:
00000000h
Access:
RO, RW/S, RW
Size:
32 bits
Bit
Access &
Default
Description
31:16
RO
0000h
Reserved: Not Applicable or Implemented. Hardwired to 0.
15
RO
0b
PME Status (PMESTS): Indicates that this device does not support
PME# generation from D3cold.
14:13
RO
00b
Data Scale (DSCALE): Indicates that this device does not support
the power management data register.
12:9
RO
0h
Data Select (DSEL): Indicates that this device does not support the
power management data register.
8
RW/S
0b
PME Enable (PMEE): Indicates that this device does not generate
PMEB assertion from any D-state.
0 = PMEB generation not possible from any D State
1 = PMEB generation enabled from any D State
The setting of this bit has no effect on hardware.
See PM_CAP[15:11]
7:2
RO
00h
Reserved
1:0
RW
00b
Power State (PS): This field indicates the current power state of this
device and can be used to set the device into a new power state. If
software attempts to write an unsupported state to this field, write
operation must complete normally on the bus, but the data is
discarded and no state change occurs.
00 = D0
01 = D1 (Not supported in this device.
10 = D2 (Not supported in this device.)
11 = D3
Support of D3cold does not require any special action.
While in the D3hot state, this device can only act as the target of PCI
configuration transactions (for power management control). This
device also cannot generate interrupts or respond to MMR cycles in the
D3 state. The device must return to the D0 state to be fully-functional.
When the Power State is other than D0, the bridge will Master Abort
(i.e., not claim) any downstream cycles (with exception of type 0
configuration cycles). Consequently, these unclaimed cycles will go
down DMI and come back up as Unsupported Requests, which the
(G)MCH logs as Master Aborts in Device 0 PCISTS[13]
There is no additional hardware functionality required to support these
Power States.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com