Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 208 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 208 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 204Page - Intel Corporation 82G33 Datasheet HTML 205Page - Intel Corporation 82G33 Datasheet HTML 206Page - Intel Corporation 82G33 Datasheet HTML 207Page - Intel Corporation 82G33 Datasheet HTML 208Page - Intel Corporation 82G33 Datasheet HTML 209Page - Intel Corporation 82G33 Datasheet HTML 210Page - Intel Corporation 82G33 Datasheet HTML 211Page - Intel Corporation 82G33 Datasheet HTML 212Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 437 page
background image
PCI Express* Registers (D1:F0)
208
Datasheet
6.1.36
DCTL—Device Control
B/D/F/Type:
0/1/0/PCI
Address Offset:
A8–A9h
Default Value:
0000h
Access:
RO, RW
Size:
16 bits
This register provides control for PCI Express device specific capabilities.
The error reporting enable bits are in reference to errors detected by this device, not
error messages received across the link. The reporting of error messages (ERR_CORR,
ERR_NONFATAL, ERR_FATAL) received by Root Port is controlled exclusively by Root
Port Command Register.
Bit
Access &
Default
Description
15:8
RO
000h
Reserved
7:5
RW
000b
Max Payload Size (MPS):
000 = 128B max supported payload for Transaction Layer Packets
(TLP). As a receiver, the Device must handle TLPs as large as
the set value; as transmitter, the Device must not generate
TLPs exceeding the set value.
All other encodings are reserved.
Hardware will actually ignore this field. It is writeable only to support
compliance testing.
4
RO
0b
Reserved: For Enable Relaxed Ordering
3
RW
0b
Unsupported Request Reporting Enable (URRE): When set,
allows signaling ERR_NONFATAL, ERR_FATAL, or ERR_CORR to the
Root Control register when detecting an unmasked Unsupported
Request (UR). An ERR_CORR is signaled when an unmasked Advisory
Non-Fatal UR is received. An ERR_FATAL or ERR_NONFATAL is sent to
the Root Control register when an uncorrectable non-Advisory UR is
received with the severity bit set in the Uncorrectable Error Severity
register.
2
RW
0b
Fatal Error Reporting Enable (FERE): When set, enables signaling
of ERR_FATAL to the Root Control register due to internally detected
errors or error messages received across the link. Other bits also
control the full scope of related error reporting.
1
RW
0b
Non-Fatal Error Reporting Enable (NERE): When set, enables
signaling of ERR_NONFATAL to the Root Control register due to
internally detected errors or error messages received across the link.
Other bits also control the full scope of related error reporting.
0
RW
0b
Correctable Error Reporting Enable (CERE): When set, enables
signaling of ERR_CORR to the Root Control register due to internally
detected errors or error messages received across the link. Other bits
also control the full scope of related error reporting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com