Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 216 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 216 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 212Page - Intel Corporation 82G33 Datasheet HTML 213Page - Intel Corporation 82G33 Datasheet HTML 214Page - Intel Corporation 82G33 Datasheet HTML 215Page - Intel Corporation 82G33 Datasheet HTML 216Page - Intel Corporation 82G33 Datasheet HTML 217Page - Intel Corporation 82G33 Datasheet HTML 218Page - Intel Corporation 82G33 Datasheet HTML 219Page - Intel Corporation 82G33 Datasheet HTML 220Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 437 page
background image
PCI Express* Registers (D1:F0)
216
Datasheet
Bit
Access &
Default
Description
4
RO
0b
Power Indicator Present (PIP):
0 = No power indicator
1 = A Power Indicator is electrically controlled by the chassis for this
slot.
3
RO
0b
Attention Indicator Present (AIP):
0 = No Attention indicator
1 = An Attention Indicator is electrically controlled by the chassis.
2
RO
0b
MRL Sensor Present (MSP):
0 = No MRL sensor
1 = MRL Sensor is implemented on the chassis for this slot.
1
RO
0b
Power Controller Present (PCP):
0 = No power controller
1 = A software programmable Power Controller is implemented for
this slot/adapter (depending on form factor).
0
RO
0b
Attention Button Present (ABP):
0 = No attention button
1 = An Attention Button for this slot is electrically controlled by the
chassis.
6.1.42
SLOTCTL—Slot Control
B/D/F/Type:
0/1/0/PCI
Address Offset:
B8–B9h
Default Value:
01C0h
Access:
RO, RW
Size:
16 bits
PCI Express Slot related registers allow for the support of Hot Plug.
Bit
Access &
Default
Description
15:13
RO
000b
Reserved
12
RO
0b
Data Link Layer State Changed Enable (DLLSCE): If the Data
Link Layer Link Active capability is implemented, when set to 1b, this
field enables software notification when Data Link Layer Link Active
field is changed.
11
RO
0b
Electromechanical Interlock Control (EIC): If an
Electromechanical Interlock is implemented, a write of 1b to this field
causes the state of the interlock to toggle. A write of 0b to this field
has no effect. A read to this register always returns a 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com