Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 218 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 218 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 214Page - Intel Corporation 82G33 Datasheet HTML 215Page - Intel Corporation 82G33 Datasheet HTML 216Page - Intel Corporation 82G33 Datasheet HTML 217Page - Intel Corporation 82G33 Datasheet HTML 218Page - Intel Corporation 82G33 Datasheet HTML 219Page - Intel Corporation 82G33 Datasheet HTML 220Page - Intel Corporation 82G33 Datasheet HTML 221Page - Intel Corporation 82G33 Datasheet HTML 222Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 437 page
background image
PCI Express* Registers (D1:F0)
218
Datasheet
Bit
Access &
Default
Description
5
RO
0b
Hot-plug Interrupt Enable (HPIE):
0 = Disable
1 = Enables generation of an interrupt on enabled hot-plug events
Default value of this field is 0b. If the Hot Plug Capable field in
the Slot Capabilities register is set to 0b, this bit is permitted to
be read-only with a value of 0b.
4
RO
0b
Command Completed Interrupt Enable (CCI): If Command
Completed notification is supported (as indicated by No Command
Completed Support field of Slot Capabilities Register), when set to 1b,
this bit enables software notification when a hot-plug command is
completed by the Hot-Plug Controller.
If Command Completed notification is not supported, this bit must be
hardwired to 0b.
3
RW
0b
Presence Detect Changed Enable (PDCE):
0 = Disable
1 = Enables software notification on a presence detect changed
event.
2
RO
0b
MRL Sensor Changed Enable (MSCE): If the MRL Sensor Present
field in the Slot Capabilities register is set to 0b, this bit is permitted
to be read-only with a value of 0b.
0 = Disable (default)
1 = Enables software notification on a MRL sensor changed event.
1
RO
0b
Power Fault Detected Enable (PFDE): If Power Fault detection is
not supported, this bit is permitted to be read-only with a value of 0b.
0 = Disable (default)
1 = Enables software notification on a power fault event.
0
RO
0b
Attention Button Pressed Enable (ABPE):
0 = Disable (default)
1 = Enables software notification on an attention button pressed
event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com