Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 219 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 219 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 215Page - Intel Corporation 82G33 Datasheet HTML 216Page - Intel Corporation 82G33 Datasheet HTML 217Page - Intel Corporation 82G33 Datasheet HTML 218Page - Intel Corporation 82G33 Datasheet HTML 219Page - Intel Corporation 82G33 Datasheet HTML 220Page - Intel Corporation 82G33 Datasheet HTML 221Page - Intel Corporation 82G33 Datasheet HTML 222Page - Intel Corporation 82G33 Datasheet HTML 223Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 437 page
background image
PCI Express* Registers (D1:F0)
Datasheet
219
6.1.43
SLOTSTS—Slot Status
B/D/F/Type:
0/1/0/PCI
Address Offset:
BA–BBh
Default Value:
0000h
Access:
RO, RWC
Size:
16 bits
PCI Express Slot related registers allow for the support of Hot Plug.
Bit
Access &
Default
Description
15:7
RO
0000000b
Reserved and Zero: For future R/WC/S implementations; software
must use 0 for writes to bits.
6
RO
0b
Presence Detect State (PDS): This bit indicates the presence of an
adapter in the slot, reflected by the logical "OR" of the Physical Layer
in-band presence detect mechanism and, if present, any out-of-band
presence detect mechanism defined for the slot's corresponding form
factor. Note that the in-band presence detect mechanism requires that
power be applied to an adapter for its presence to be detected.
Consequently, form factors that require a power controller for hot-
plug must implement a physical pin presence detect mechanism.
0 = Slot Empty
1 = Card Present in slot
This register must be implemented on all Downstream Ports that
implement slots. For Downstream Ports not connected to slots (where
the Slot Implemented bit of the PCI Express Capabilities Register is
0b), this bit must return 1b.
5
RO
0b
Reserved
4
RO
0b
Command Completed (CC): If Command Completed notification is
supported (as indicated by No Command Completed Support field of
Slot Capabilities Register), this bit is set when a hot-plug command
has completed and the Hot-Plug Controller is ready to accept a
subsequent command. The Command Completed status bit is set as
an indication to host software that the Hot-Plug Controller has
processed the previous command and is ready to receive the next
command; it provides no assurance that the action corresponding to
the command is complete.
If Command Completed notification is not supported, this bit must be
hardwired to 0b.
3
RWC
0b
Detect Changed (PDC): This bit is set when the value reported in
Presence Detect State is changed.
2
RO
0b
MRL Sensor Changed (MSC): If an MRL sensor is implemented, this
bit is set when a MRL Sensor state change is detected. If an MRL
sensor is not implemented, this bit must not be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com