Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 227 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 227 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 223Page - Intel Corporation 82G33 Datasheet HTML 224Page - Intel Corporation 82G33 Datasheet HTML 225Page - Intel Corporation 82G33 Datasheet HTML 226Page - Intel Corporation 82G33 Datasheet HTML 227Page - Intel Corporation 82G33 Datasheet HTML 228Page - Intel Corporation 82G33 Datasheet HTML 229Page - Intel Corporation 82G33 Datasheet HTML 230Page - Intel Corporation 82G33 Datasheet HTML 231Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 437 page
background image
PCI Express* Registers (D1:F0)
Datasheet
227
6.1.53
VC0RSTS—VC0 Resource Status
B/D/F/Type:
0/1/0/MMR
Address Offset:
11A–11Bh
Default Value:
0002h
Access:
RO
Size:
16 bits
This register reports the Virtual Channel specific status.
Bit
Access &
Default
Description
15:2
RO
0000h
Reserved
1
RO
1b
VC0 Negotiation Pending (VC0NP):
0 = The VC negotiation is complete.
1 = The VC resource is still in the process of negotiation (initialization
or disabling).
This bit indicates the status of the process of Flow Control initialization.
It is set by default on Reset, as well as whenever the corresponding
Virtual Channel is Disabled or the Link is in the DL_Down state. It is
cleared when the link successfully exits the FC_INIT2 state.
Before using a Virtual Channel, software must check whether the VC
Negotiation Pending fields for that Virtual Channel are cleared in both
Components on a Link.
0
RO
0b
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com