Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 228 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 228 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 224Page - Intel Corporation 82G33 Datasheet HTML 225Page - Intel Corporation 82G33 Datasheet HTML 226Page - Intel Corporation 82G33 Datasheet HTML 227Page - Intel Corporation 82G33 Datasheet HTML 228Page - Intel Corporation 82G33 Datasheet HTML 229Page - Intel Corporation 82G33 Datasheet HTML 230Page - Intel Corporation 82G33 Datasheet HTML 231Page - Intel Corporation 82G33 Datasheet HTML 232Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 437 page
background image
PCI Express* Registers (D1:F0)
228
Datasheet
6.1.54
RCLDECH—Root Complex Link Declaration Enhanced
B/D/F/Type:
0/1/0/MMR
Address Offset:
140–143h
Default Value:
00010005h
Access:
RO
Size:
32 bits
This capability declares links from this element (PEG) to other elements of the root
complex component to which it belongs. See PCI Express specification for
link/topology declaration requirements.
Bit
Access &
Default
Description
31:20
RO
000h
Pointer to Next Capability (PNC): This is the last capability in the
PCI Express extended capabilities list
19:16
RO
1h
Link Declaration Capability Version (LDCV): Hardwired to 1 to
indicate compliances with the 1.1 version of the PCI Express
specification.
15:0
RO
0005h
Extended Capability ID (ECID): Value of 0005h identifies this linked
list item (capability structure) as being for PCI Express Link Declaration
Capability.
6.1.55
ESD—Element Self Description
B/D/F/Type:
0/1/0/MMR
Address Offset:
144–147h
Default Value:
02000100h
Access:
RO, RWO
Size:
32 bits
This register provides information about the root complex element containing this Link
Declaration Capability.
Bit
Access &
Default
Description
31:24
RO
02h
Port Number (PN): This field specifies the port number associated
with this element with respect to the component that contains this
element. This port number value is utilized by the Express port of the
component to provide arbitration to this Root Complex Element.
23:16
RWO
00h
Component ID (CID): This field identifies the physical component
that contains this Root Complex Element.
15:8
RO
01h
Number of Link Entries (NLE): This field indicates the number of
link entries following the Element Self Description. This field reports 1
(to Express port only as we don't report any peer-to-peer capabilities
in our topology).
7:4
RO
0h
Reserved
3:0
RO
0h
Element Type (ET): This field indicates the type of the Root Complex
Element. Value of 0h represents a root port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com