Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 232 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 232 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 228Page - Intel Corporation 82G33 Datasheet HTML 229Page - Intel Corporation 82G33 Datasheet HTML 230Page - Intel Corporation 82G33 Datasheet HTML 231Page - Intel Corporation 82G33 Datasheet HTML 232Page - Intel Corporation 82G33 Datasheet HTML 233Page - Intel Corporation 82G33 Datasheet HTML 234Page - Intel Corporation 82G33 Datasheet HTML 235Page - Intel Corporation 82G33 Datasheet HTML 236Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 437 page
background image
Direct Memory Interface (DMI) Registers
232
Datasheet
7
Direct Memory Interface (DMI)
Registers
This Root Complex Register Block (RCRB) controls the (G)MCH-ICH9 serial
interconnect. The base address of this space is programmed in DMIBAR in D0:F0
configuration space. Table 7-1 provides an address map of the DMI registers listed by
address offset in ascending order. Section 7.1 provides register bit descriptions.
Table 7-1. DMI Register Address Map
Address
Offset
Register
Symbol
Register Name
Default
Value
Access
00–03h
DMIVCECH
DMI Virtual Channel Enhanced
Capability
04010002h
RO
04–07h
DMIPVCCAP1
DMI Port VC Capability Register 1
00000001h
RWO, RO
08–0Bh
DMIPVCCAP2
DMI Port VC Capability Register 2
00000000h
RO
0C–0Dh
DMIPVCCTL
DMI Port VC Control
0000h
RO, RW
10–13h
DMIVC0RCAP
DMI VC0 Resource Capability
00000001h
RO
14–17h
DMIVC0RCTL0
DMI VC0 Resource Control
800000FFh
RO, RW
1A–1Bh
DMIVC0RSTS
DMI VC0 Resource Status
0002h
RO
1C–1Fh
DMIVC1RCAP
DMI VC1 Resource Capability
00008001h
RO
20–23h
DMIVC1RCTL1
DMI VC1 Resource Control
01000000h
RW, RO
26–27h
DMIVC1RSTS
DMI VC1 Resource Status
0002h
RO
84–87h
DMILCAP
DMI Link Capabilities
00012C41h
RO, RWO
88–89h
DMILCTL
DMI Link Control
0000h
RW, RO
8A–8Bh
DMILSTS
DMI Link Status
0001h
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com