Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 236 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 236 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 232Page - Intel Corporation 82G33 Datasheet HTML 233Page - Intel Corporation 82G33 Datasheet HTML 234Page - Intel Corporation 82G33 Datasheet HTML 235Page - Intel Corporation 82G33 Datasheet HTML 236Page - Intel Corporation 82G33 Datasheet HTML 237Page - Intel Corporation 82G33 Datasheet HTML 238Page - Intel Corporation 82G33 Datasheet HTML 239Page - Intel Corporation 82G33 Datasheet HTML 240Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 437 page
background image
Direct Memory Interface (DMI) Registers
236
Datasheet
7.1.6
DMIVC0RCTL0—DMI VC0 Resource Control
B/D/F/Type:
0/0/0/DMIBAR
Address Offset:
14–17h
Default Value:
800000FFh
Access:
RO, RW
Size:
32 bits
This register controls the resources associated with PCI Express Virtual Channel 0.
Bit
Access &
Default
Description
31
RO
1b
Virtual Channel 0 Enable (VC0E): For VC0 this is hardwired to 1 and
read only as VC0 can never be disabled.
30:27
RO
0h
Reserved
26:24
RO
000b
Virtual Channel 0 ID (VC0ID): Assigns a VC ID to the VC resource.
For VC0 this is hardwired to 0 and read only.
23:20
RO
0h
Reserved
19:17
RW
000b
Port Arbitration Select (PAS): This field configures the VC resource
to provide a particular Port Arbitration service. Valid value for this field
is a number corresponding to one of the asserted bits in the Port
Arbitration Capability field of the VC resource. Because only bit 0 of
that field is asserted.
This field will always be programmed to '1'.
16:8
RO
000h
Reserved
7:1
RW
7Fh
Traffic Class / Virtual Channel 0 Map (TCVC0M): This field
indicates the TCs (Traffic Classes) that are mapped to the VC resource.
Bit locations within this field correspond to TC values.
For example, when bit 7 is set in this field, TC7 is mapped to this VC
resource. When more than one bit in this field is set, it indicates that
multiple TCs are mapped to the VC resource. In order to remove one
or more TCs from the TC/VC Map of an enabled VC, software must
ensure that no new or outstanding transactions with the TC labels are
targeted at the given Link.
0
RO
1b
Traffic Class 0 / Virtual Channel 0 Map (TC0VC0M): Traffic Class
0 is always routed to VC0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com