Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 239 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 239 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 235Page - Intel Corporation 82G33 Datasheet HTML 236Page - Intel Corporation 82G33 Datasheet HTML 237Page - Intel Corporation 82G33 Datasheet HTML 238Page - Intel Corporation 82G33 Datasheet HTML 239Page - Intel Corporation 82G33 Datasheet HTML 240Page - Intel Corporation 82G33 Datasheet HTML 241Page - Intel Corporation 82G33 Datasheet HTML 242Page - Intel Corporation 82G33 Datasheet HTML 243Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 437 page
background image
Direct Memory Interface (DMI) Registers
Datasheet
239
7.1.10
DMIVC1RSTS—DMI VC1 Resource Status
B/D/F/Type:
0/0/0/DMIBAR
Address Offset:
26–27h
Default Value:
0002h
Access:
RO
Size:
16 bits
This register reports the Virtual Channel specific status.
Bit
Access &
Default
Description
15:2
RO
0000h
Reserved
1
RO
1b
Virtual Channel 1 Negotiation Pending (VC1NP):
0 = The VC negotiation is complete.
1 = The VC resource is still in the process of negotiation (initialization
or disabling).
0
RO
0b
Reserved
7.1.11
DMILCAP—DMI Link Capabilities
B/D/F/Type:
0/0/0/DMIBAR
Address Offset:
84–87h
Default Value:
00012C41h
Access:
RO, RWO
Size:
32 bits
This register indicates DMI specific capabilities.
Bit
Access &
Default
Description
31:18
RO
0000h
Reserved
17:15
RWO
010b
L1 Exit Latency (L1SELAT): This field indicates the length of time
this Port requires to complete the transition from L1 to L0.
010b = 2 us to less than 4 us.
14:12
RWO
010b
L0s Exit Latency (L0SELAT): This field indicates the length of time
this Port requires to complete the transition from L0s to L0.
010 = 128 ns to less than 256 ns
11:10
RO
11b
Active State Link PM Support (ASLPMS): L0s & L1 entry
supported.
9:4
RO
04h
Max Link Width (MLW): This field indicates the maximum number
of lanes supported for this link.
3:0
RO
1h
Max Link Speed (MLS): Hardwired to indicate 2.5 Gb/s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com