Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 243 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 243 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 239Page - Intel Corporation 82G33 Datasheet HTML 240Page - Intel Corporation 82G33 Datasheet HTML 241Page - Intel Corporation 82G33 Datasheet HTML 242Page - Intel Corporation 82G33 Datasheet HTML 243Page - Intel Corporation 82G33 Datasheet HTML 244Page - Intel Corporation 82G33 Datasheet HTML 245Page - Intel Corporation 82G33 Datasheet HTML 246Page - Intel Corporation 82G33 Datasheet HTML 247Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 437 page
background image
Integrated Graphics Device Registers (D2:F0,F1)
(Intel® 82Q35, 82Q33, 82G33 GMCH Only)
Datasheet
243
Address
Offset
Register
Symbol
Register Name
Default
Value
Access
30–33h
ROMADR
Video BIOS ROM Base Address
00000000h
RO
34h
CAPPOINT
Capabilities Pointer
90h
RO
3Eh
MINGNT
Minimum Grant
00h
RO
3Fh
MAXLAT
Maximum Latency
00h
RO
40–50h
CAPID0
Capability Identifier
000000000
000000001
000000000
10B0009h
RO
52–53h
MGGC
GMCH Graphics Control Register
0030h
RO
54–57h
DEVEN
Device Enable
000003DBh
RO
58–5Bh
SSRW
Software Scratch Read Write
00000000h
RW
5C–5Fh
BSM
Base of Stolen Memory
07800000h
RO
60–61h
HSRW
Hardware Scratch Read Write
0000h
RW
C0h
GDRST
Graphics Debug Reset
00h
RO, RW/L
D0–D1h
PMCAPID
Power Management Capabilities ID
0001h
RWO, RO
D2–D3h
PMCAP
Power Management Capabilities
0022h
RO
D4–D5h
PMCS
Power Management Control/Status
0000h
RO, RW
E0–E1h
SWSMI
Software SMI
0000h
RW
E4–E7h
ASLE
System Display Event Register
00000000h
RW
FC–FFh
ASLS
ASL Storage
00000000h
RW
8.1.1
VID2—Vendor Identification
B/D/F/Type:
0/2/0/PCI
Address Offset:
00–01h
Default Value:
8086h
Access:
RO
Size:
16 bits
This register combined with the Device Identification register uniquely identifies any
PCI device.
Bit
Access &
Default
Description
15:0
RO
8086h
Vendor Identification Number (VID): PCI standard identification
for Intel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com