Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 246 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 246 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 242Page - Intel Corporation 82G33 Datasheet HTML 243Page - Intel Corporation 82G33 Datasheet HTML 244Page - Intel Corporation 82G33 Datasheet HTML 245Page - Intel Corporation 82G33 Datasheet HTML 246Page - Intel Corporation 82G33 Datasheet HTML 247Page - Intel Corporation 82G33 Datasheet HTML 248Page - Intel Corporation 82G33 Datasheet HTML 249Page - Intel Corporation 82G33 Datasheet HTML 250Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 437 page
background image
Integrated Graphics Device Registers (D2:F0,F1)
(Intel® 82Q35, 82Q33, 82G33 GMCH Only)
246
Datasheet
8.1.4
PCISTS2—PCI Status
B/D/F/Type:
0/2/0/PCI
Address Offset:
06–07h
Default Value:
0090h
Access:
RO
Size:
16 bits
PCISTS is a 16-bit status register that reports the occurrence of a PCI compliant
master abort and PCI compliant target abort. PCISTS also indicates the DEVSEL#
timing that has been set by the IGD.
Bit
Access &
Default
Description
15
RO
0b
Detected Parity Error (DPE): Since the IGD does not detect parity,
this bit is always hardwired to 0.
14
RO
0b
Signaled System Error (SSE): The IGD never asserts SERR#,
therefore this bit is hardwired to 0.
13
RO
0b
Received Master Abort Status (RMAS): The IGD never gets a
Master Abort, therefore this bit is hardwired to 0.
12
RO
0b
Received Target Abort Status (RTAS): The IGD never gets a
Target Abort, therefore this bit is hardwired to 0.
11
RO
0b
Signaled Target Abort Status (STAS): Hardwired to 0. The IGD
does not use target abort semantics.
10:9
RO
00b
DEVSEL Timing (DEVT): N/A. These bits are hardwired to "00".
8
RO
0b
Master Data Parity Error Detected (DPD): Since Parity Error
Response is hardwired to disabled (and the IGD does not do any
parity detection), this bit is hardwired to 0.
7
RO
1b
Fast Back-to-Back (FB2B): Hardwired to 1. The IGD accepts fast
back-to-back when the transactions are not to the same agent.
6
RO
0b
User Defined Format (UDF): Hardwired to 0.
5
RO
0b
66 MHz PCI Capable (66C): N/A - Hardwired to 0.
4
RO
1b
Capability List (CLIST): This bit is set to 1 to indicate that the
register at 34h provides an offset into the function's PCI
Configuration Space containing a pointer to the location of the first
item in the list.
3
RO
0b
Interrupt Status (INTSTS): This bit reflects the state of the
interrupt in the device. Only when the Interrupt Disable bit in the
command register is a 0 and this Interrupt Status bit is a 1, will the
devices INTx# signal be asserted.
2:0
RO
000b
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com