Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 234 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 234 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 230Page - Intel Corporation 82G33 Datasheet HTML 231Page - Intel Corporation 82G33 Datasheet HTML 232Page - Intel Corporation 82G33 Datasheet HTML 233Page - Intel Corporation 82G33 Datasheet HTML 234Page - Intel Corporation 82G33 Datasheet HTML 235Page - Intel Corporation 82G33 Datasheet HTML 236Page - Intel Corporation 82G33 Datasheet HTML 237Page - Intel Corporation 82G33 Datasheet HTML 238Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 437 page
background image
Direct Memory Interface (DMI) Registers
234
Datasheet
7.1.2
DMIPVCCAP1—DMI Port VC Capability Register 1
B/D/F/Type:
0/0/0/DMIBAR
Address Offset:
04–07h
Default Value:
00000001h
Access:
RWO, RO
Size:
32 bits
This register describes the configuration of PCI Express Virtual Channels associated
with this port.
Bit
Access &
Default
Description
31:7
RO
0000000h
Reserved
6:4
RO
000b
Low Priority Extended VC Count (LPEVCC): This field indicates the
number of (extended) Virtual Channels in addition to the default VC
belonging to the low-priority VC (LPVC) group that has the lowest
priority with respect to other VC resources in a strict-priority VC
Arbitration.
The value of 0 in this field implies strict VC arbitration.
3
RO
0b
Reserved
2:0
RWO
001b
Extended VC Count (EVCC): This field indicates the number of
(extended) Virtual Channels in addition to the default VC supported by
the device.
The Private Virtual Channel is not included in this count.
7.1.3
DMIPVCCAP2—DMI Port VC Capability Register 2
B/D/F/Type:
0/0/0/DMIBAR
Address Offset:
08–0Bh
Default Value:
00000000h
Access:
RO
Size:
32 bits
This register describes the configuration of PCI Express Virtual Channels associated
with this port.
Bit
Access &
Default
Description
31:0
RO
00000000h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com