Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 230 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 230 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 226Page - Intel Corporation 82G33 Datasheet HTML 227Page - Intel Corporation 82G33 Datasheet HTML 228Page - Intel Corporation 82G33 Datasheet HTML 229Page - Intel Corporation 82G33 Datasheet HTML 230Page - Intel Corporation 82G33 Datasheet HTML 231Page - Intel Corporation 82G33 Datasheet HTML 232Page - Intel Corporation 82G33 Datasheet HTML 233Page - Intel Corporation 82G33 Datasheet HTML 234Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 437 page
background image
PCI Express* Registers (D1:F0)
230
Datasheet
6.1.58
PEGSSTS—PCI Express*-G Sequence Status
B/D/F/Type:
0/1/0/MMR
Address Offset:
218–21Fh
Default Value:
0000000000000FFFh
Access:
RO
Size:
64 bits
This register provides PCI Express status reporting that is required by the PCI Express
specification.
Bit
Access &
Default
Description
63:60
RO
0h
Reserved
59:48
RO
000h
Next Transmit Sequence Number (NTSN): This field indicates the
value of the NXT_TRANS_SEQ counter. This counter represents the
transmit Sequence number to be applied to the next TLP to be
transmitted onto the Link for the first time.
47:44
RO
0h
Reserved
43:32
RO
000h
Next Packet Sequence Number (NPSN): This field indicates the
packet sequence number to be applied to the next TLP to be
transmitted or re-transmitted onto the Link.
31:28
RO
0h
Reserved
27:16
RO
000h
Next Receive Sequence Number (NRSN): This field is the
sequence number associated with the TLP that is expected to be
received next.
15:12
RO
0h
Reserved
11:0
RO
FFFh
Last Acknowledged Sequence Number (LASN): This field is the
sequence number associated with the last acknowledged TLP.
§



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com