Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 388 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 388 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 384Page - Intel Corporation 82G33 Datasheet HTML 385Page - Intel Corporation 82G33 Datasheet HTML 386Page - Intel Corporation 82G33 Datasheet HTML 387Page - Intel Corporation 82G33 Datasheet HTML 388Page - Intel Corporation 82G33 Datasheet HTML 389Page - Intel Corporation 82G33 Datasheet HTML 390Page - Intel Corporation 82G33 Datasheet HTML 391Page - Intel Corporation 82G33 Datasheet HTML 392Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 388 / 437 page
background image
Ballout and Package Information
388
Datasheet
12
Ballout and Package
Information
This chapter provides the ballout and package information.
12.1
Ballout
Figure 12-1, Figure 12-2, and Figure 12-3 show the (G)MCH ballout diagram as
viewed from the top side of the package. The figures are divided into a left-side view
and right-side view of the package.
Note: Notes for Figure 12-1, Figure 12-2, and Figure 12-3, and Table 12-1 and Table 12-2.
1. Balls that are listed as RSVD are reserved.
2. Some balls marked as reserved (RSVD) are used in XOR testing. See Chapter 14
for details.
3. Balls that are listed as NC are No Connects.
4. Analog Display Signals (CRT_RED, CRT_REDB, CRT_GREEN, CRT_GREENB,
CRT_BLUE, CRT_BLUEB, CRT_IREF, CRT_HSYNC, CRT_VSYNC, CRT_DDC_CLK,
CRT_DDC_DATA) and the SDVO_CTRLCLK and SDVO_CTRLDATA signals are not
used on the 82P35 MCH. Contact your Intel field representative for proper
termination of the corresponding balls.
5. For the 82Q35, 82Q33, 82G33 GMCH, the PCI Express and SDVO signals are
multiplexed. However, only the PCI Express signal name is included in the
following ballout figures and table. See Section 2.10 for the PCI Express to SDVO
signal name mapping.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com