Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 385 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 385 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 381Page - Intel Corporation 82G33 Datasheet HTML 382Page - Intel Corporation 82G33 Datasheet HTML 383Page - Intel Corporation 82G33 Datasheet HTML 384Page - Intel Corporation 82G33 Datasheet HTML 385Page - Intel Corporation 82G33 Datasheet HTML 386Page - Intel Corporation 82G33 Datasheet HTML 387Page - Intel Corporation 82G33 Datasheet HTML 388Page - Intel Corporation 82G33 Datasheet HTML 389Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 437 page
background image
Electrical Characteristics
Datasheet
385
Symbol
Parameter
Min
Nom
Max
Unit Notes
ILEAK
Input Leakage Current
—
—
± 20
μA
CIN
Input Capacitance
—
—
1.5
pF
IOL
Output Low Current (CMOS
Outputs)
—
1.0
mA
@VOL_HI
max
IOH
Output High Current (CMOS
Outputs)
6.0
—
mA
@VOH_HI
min
VOL
Output Low Voltage (CMOS
Outputs)
—
0.06
V
VOH
Output High Voltage (CMOS
Outputs)
0.6
—
V
PWROK, CL_PWROK, RSTIN#
VIL
Input Low Voltage
—
0.3
V
VIH
Input High Voltage
2.7
—
V
ILEAK
Input Leakage Current
—
—
±1
mA
CIN
Input Capacitance
—
—
6.0
pF
CL_RST#
VIL
Input Low Voltage
—
—
0.13
V
VIH
Input High Voltage
1.17
—
V
ILEAK
Input Leakage Current
—
—
±20
μA
CIN
Input Capacitance
—
—
5.0
pF
ICH_SYNCB
IOL
Output Low Current (CMOS
Outputs)
—
—
2.0
mA
@VOL_HI
max
IOH
Output High Current (CMOS
Outputs)
-2.0
—
—
mA
@VOH_HI
min
VOL
Output Low Voltage (CMOS
Outputs)
—
—
0.33
V
VOH
Output High Voltage (CMOS
Outputs)
2.97
—
—
V
EXP_SLR, EXP_EN
VIL
Input Low Voltage
-0.10
0
(0.63 x VTT) -
0.1
V
VIH
Input High Voltage
(0.63 x
VTT)+0.1
VTT
VTT +0.1
V
ILEAK
Input Leakage Current
—
—
20
μA
VOL<
Vpad<
Vtt
CIN
Input Capacitance
2
—
2.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com